| Electronic Components Datasheet Search |
|
OL2385SWUG Datasheet(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385SWUG Datasheet(HTML) 46 Page - NXP Semiconductors |
|
46 / 64 page ![]() NXP Semiconductors OL2385SWUG SIGFOX software driver OL2385SWUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2.1 — 6 April 2018 46 / 64 7.2.3.1 Choosing ciphering key The next command is to choose the ciphering key for the transmission. The private ciphering key is stored in the protected area of the memory within the IC. The messages enciphered with this key will only be received and decoded properly by a real base station. In order to test it with the SNEK emulator tool, use the Switch to public key – 1a command next. In order to test with SFXIQ tool, make sure that the key used in the config.txt file is same as the private key, or else they also have to use Switch to public key as the next command. Perform this command once after the reset. 7.2.3.2 Set FCC macro channel This command is only necessary for RCZ2 and RCZ4 devices because these regions use the frequency hopping algorithm on macro frequency channels. A frequency map is actually used to enable frequencies on which the device can hop for transmitting frames. The channels in this map are enabled using config word settings. See the SIGFOX_api.h file for detailed information. Set the FCC Macro Channel Example: config_words[0] = [0x000001FF] config_words[1] = [0x00000000] config_words[2] = [0x00000000] default_SIGFOX_channel = 1 Figure 32. Macro channel table 7.2.3.3 Reset FCC Macro channel This command is only necessary for RCZ2 and RCZ4 devices, because these regions use the frequency hopping algorithm as mentioned in Section 7.2.3.2 "Set FCC macro channel". One has to always take care to go back to default macro channels for their individual region, if there are no more free channels left for transmitting the frames. The free channel information can be obtained by using the Get_FCC_macro_channel SPI command. If the returned value is not equal to 0x30, then one might have to call the Reset_FCC_Macro_Channel to restore the default macro channel settings. Therefore, before sending any SIGFOX frame transmission command over SPI for RCZ2/4, the MCU must send a Get_FCC_macro_channel to check the free macro channels first and then call Reset_FCC_Macro_Channel, if required. Notes: • This command does not have to be performed for RCZ1 or RCZ3. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |