Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6668 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6668 Datasheet HTML 4Page - STMicroelectronics L6668 Datasheet HTML 5Page - STMicroelectronics L6668 Datasheet HTML 6Page - STMicroelectronics L6668 Datasheet HTML 7Page - STMicroelectronics L6668 Datasheet HTML 8Page - STMicroelectronics L6668 Datasheet HTML 9Page - STMicroelectronics L6668 Datasheet HTML 10Page - STMicroelectronics L6668 Datasheet HTML 11Page - STMicroelectronics L6668 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
L6668
8/23
Figure 11. Start-up & UVLO vs. Tj
Figure 12. Vcc Zener voltage vs. Tj
Figure 13. COMP voltage upper clamp level vs. Tj
Figure 14. COMP source current vs. Tj
Figure 15. COMP dynamic resistance vs. Tj
Figure 16. Max. duty-cycle vs. Tj
Tj (°C)
V
CC (pin 5)
(V)
-50
0
50
100
150
8
9
10
11
12
13
14
ON
OFF
OFF while
latched off
Tj (°C)
VccZ (pin 5)
(V)
-50
0
50
100
150
20
21
22
23
24
25
26
Tj (°C)
V
COMP(pin 10)
(V)
-50
0
50
100
150
5
5.5
6
6.5
7
Vcc = 15 V
Tj (°C)
ICOMP(pin 10)
-50
0
50
100
150
60%
80%
100%
120%
140%
Vcc = 15 V
VCOMP= 1 V
Values normalized to ICOMP @ 25°C
RCOMP (pin 10)
(kW)
-50
0
50
100
150
18
20
22
24
26
28
30
32
Vcc = 15 V
Tj (°C)
Tj (°C)
-50
0
50
100
150
70
71
72
73
74
75
Vcc = 15 V
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com