Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6668 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6668 Datasheet HTML 8Page - STMicroelectronics L6668 Datasheet HTML 9Page - STMicroelectronics L6668 Datasheet HTML 10Page - STMicroelectronics L6668 Datasheet HTML 11Page - STMicroelectronics L6668 Datasheet HTML 12Page - STMicroelectronics L6668 Datasheet HTML 13Page - STMicroelectronics L6668 Datasheet HTML 14Page - STMicroelectronics L6668 Datasheet HTML 15Page - STMicroelectronics L6668 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
L6668
12/23
4
Application Information
The L6668 is a versatile current-mode PWM controller specific for offline fixed-frequency, peak-current-
mode-controlled flyback converters.
The device is able to operate in different modes (fig. 34), depending on the converter's load conditions:
1) Fixed frequency at heavy load. In this region the IC operates exactly like a standard current mode control
chip: a relaxation oscillator, externally programmable with a capacitor and a resistor, generates a sawtooth
and releases a clock pulse during the falling edge of the sawtooth; the power switch is turned on by the clock
pulses and is turned off by the control loop.
2) Frequency-foldback mode at medium and light load. As the load is reduced the oscillator frequency is re-
duced as well by slowing down the charge of the timing capacitor proportionally to the load itself.
3) Burst-mode control with no or very light load. When the load is extremely light or disconnected, the converter
will enter a controlled on/off operation with constant peak current. A load decrease will be then translated
into a frequency reduction, which can go down even to few hundred hertz, thus minimizing all frequency-
related losses and making it easier to comply with energy saving regulations. Being the peak current very
low, no issue of audible noise arises.
Figure 34. Multi-mode operation of the L6668
4.1 High-voltage start-up generator
Figure 35 shows the internal schematic of the high-voltage start-up generator (HV generator). It is made
up of a high-voltage N-channel FET, whose gate is biased by a 15 M
Ω resistor, with a temperature-com-
pensated current generator connected to its source.
Figure 35. High-voltage start-up generator: internal schematic
The HV generator is physically located on a separate chip, made with BCD off-line technology able to with-
stand 700V, controlled by a low-voltage chip, where all of the control functions reside.
0
0
fsw
Pin
Fixed-frequency mode
Frequency foldback mode
Pinmax
L6668
15 M
Ω
GND
HV
Vcc
5
3
1
Icharge
Vcc_OK
IHV
CONTROL
HV_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com