Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6668 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 2 Page - STMicroelectronics

  L6668 Datasheet HTML 1Page - STMicroelectronics L6668 Datasheet HTML 2Page - STMicroelectronics L6668 Datasheet HTML 3Page - STMicroelectronics L6668 Datasheet HTML 4Page - STMicroelectronics L6668 Datasheet HTML 5Page - STMicroelectronics L6668 Datasheet HTML 6Page - STMicroelectronics L6668 Datasheet HTML 7Page - STMicroelectronics L6668 Datasheet HTML 8Page - STMicroelectronics L6668 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
L6668
2/23
2
Description
L6668 is a current-mode primary controller IC, designed to build single-ended converters.
The IC drives the system at fixed frequency at heavy load and an improved Standby function causes a
smooth frequency reduction as the load is progressively reduced. At very light load the device enters a
special operating mode (burst-mode with fixed, externally programmed peak current) that, in addition to
the on-board high-voltage start-up and the very low quiescent current, helps keep low the consumption
from the mains and be compliant with energy saving regulations. To allow meeting compliance with these
standards in power-factor-corrected systems too, an interface with the PFC controller is provided that en-
ables to turn off the pre-regulator when the load level falls below a threshold.
The IC includes also a programmable soft-start, slope compensation for stable operation at duty cycles
greater then 50%, a disable function, a leading edge blanking on current sense to improve noise immunity,
latched disable for OVP or OTP shutdown and an effective two-level OCP able to protect the system even
in case the secondary diode fails short.
Table 2. Absolute Maximum Ratings
Table 3. Thermal Data
Figure 3. Pin Connection (Top view)
Symbol
Pin
Parameter
Value
Unit
Vcc
5
IC Supply voltage (Icc = 20 mA)
Self-limited
V
VHV
1
High-voltage start-up generator voltage range
-0.3 to 700
V
IHV
1
High-voltage start-up generator current
Self-limited
A
---
Analog Inputs & Outputs, except pin 14
-0.3 to 8
V
IPFC_STOP
14
Max. sink current (low state)
2
mA
VPFC_STOP
14
Max. voltage (open state)
16
V
Ptot
Power Dissipation @Tamb = 50°C
0.75
W
Tj
Junction Temperature Operating range
-25 to 150
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to AmbientMax
120
°C/W
VREF
SKIPADJ
HV
HVS
GND
OUT
Vcc
N.C.
DIS
RCT
S-COMP
PFC_STOP
STBY
ISEN
SS
COMP
VREF
SKIPADJ
HV
HVS
GND
OUT
Vcc
N.C.
DIS
RCT
S-COMP
PFC_STOP
STBY
ISEN
SS
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com