Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6668 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6668 Datasheet HTML 5Page - STMicroelectronics L6668 Datasheet HTML 6Page - STMicroelectronics L6668 Datasheet HTML 7Page - STMicroelectronics L6668 Datasheet HTML 8Page - STMicroelectronics L6668 Datasheet HTML 9Page - STMicroelectronics L6668 Datasheet HTML 10Page - STMicroelectronics L6668 Datasheet HTML 11Page - STMicroelectronics L6668 Datasheet HTML 12Page - STMicroelectronics L6668 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
L6668
Figure 17. Oscillator frequency vs. Tj
Figure 18. Oscillator ramp vs. Tj
Figure 19. Current sense clamp vs. Tj
Figure 20. Disable level on current sense vs. Tj
Figure 21. Reference voltage vs. Tj
Figure 22. PFC_STOP open/low thresholds on
VCOMP vs. Tj
Tj (°C)
-50
0
50
100
150
99%
99.5%
100%
100.5%
101%
101.5%
102%
RT = 13.3 k
Ω
CT = 1 nF
fsw
Vcc = 9.4V
Vcc = 22V
Vcc = 15V
Values normalized to fsw @ Tj=25°C, Vcc=15V
Tj (°C)
Vpin14
(V)
-50
0
50
100
150
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Vcc = 15 V
Peak
Valley
Tj (°C)
V ISENx (pin 12)
(V)
-50
0
50
100
150
0.6
0.7
0.8
0.9
1
Vcc = 15 V
VCOMP= Upper clamp
Tj (°C)
Vpin12
(V)
-50
0
50
100
150
1.0
1.2
1.4
1.6
1.8
2.0
Vcc = 15 V
Tj (°C)
VREF
(V)
-50
0
50
100
150
4.9
4.95
5
5.05
5.1
Vcc = 15 V
(pin 8)
Tj (°C)
VCOMP
(V)
-50
0
50
100
150
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
Vcc = 15 V
(pin 10)
PFC_STOP low (voltage rising)
PFC_STOP open (voltage falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com