Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2EX Datasheet(PDF) 17 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 17 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 13Page - Texas Instruments TDA2EX Datasheet HTML 14Page - Texas Instruments TDA2EX Datasheet HTML 15Page - Texas Instruments TDA2EX Datasheet HTML 16Page - Texas Instruments TDA2EX Datasheet HTML 17Page - Texas Instruments TDA2EX Datasheet HTML 18Page - Texas Instruments TDA2EX Datasheet HTML 19Page - Texas Instruments TDA2EX Datasheet HTML 20Page - Texas Instruments TDA2EX Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 401 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2E-17
17
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
K22
gpio6_15
gpio6_15
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
mcasp1_axr9
1
IO
0
dcan2_rx
2
IO
1
uart10_txd
3
O
i2c3_scl
9
IO
1
timer2
10
IO
gpio6_15
14
IO
Driver off
15
I
K23
gpio6_16
gpio6_16
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
mcasp1_axr10
1
IO
0
clkout1
9
O
timer3
10
IO
gpio6_16
14
IO
Driver off
15
I
M1
gpmc_a0
gpmc_a0
0
O
PD
PD
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
vin1a_d16
2
I
0
vout3_d16
3
O
vin1b_d0
6
I
0
i2c4_scl
7
IO
1
uart5_rxd
8
I
1
gpio7_3
gpmc_a26
gpmc_a16
14
IO
Driver off
15
I
M2
gpmc_a1
gpmc_a1
0
O
PD
PD
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
vin1a_d17
2
I
0
vout3_d17
3
O
vin1b_d1
6
I
0
i2c4_sda
7
IO
1
uart5_txd
8
O
gpio7_4
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com