Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2EX Datasheet(PDF) 7 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 3Page - Texas Instruments TDA2EX Datasheet HTML 4Page - Texas Instruments TDA2EX Datasheet HTML 5Page - Texas Instruments TDA2EX Datasheet HTML 6Page - Texas Instruments TDA2EX Datasheet HTML 7Page - Texas Instruments TDA2EX Datasheet HTML 8Page - Texas Instruments TDA2EX Datasheet HTML 9Page - Texas Instruments TDA2EX Datasheet HTML 10Page - Texas Instruments TDA2EX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 401 page
background image
7
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Device Comparison
Copyright © 2016–2018, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
FEATURES
Device
TDA2EGx
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
McASP2
16 serializers
McASP3
4 serializers
McASP4
4 serializers
McASP5
4 serializers
McASP6
4 serializers
McASP7
4 serializers
McASP8
2 serializers
MultiMedia Card/Secure Digital/Secure Digital Input Output Interface
(MMC/SD/SDIO)
MMC1
1x UHSI 4b
MMC2
1x eMMC™ 8b
MMC3
1x SDIO 8b
MMC4
1x SDIO 4b
PCI Express 3.0 Port with Integrated PHY
PCIe_SS1
Up to two lanes (second lane
shared with PCIe_SS2 and USB1)
PCIe_SS2
Single lane (shared with PCIe_SS1
and USB1)
Serial Advanced Technology Attachment (SATA)
SATA
No
Real-Time Clock Subsystem (RTCSS)
RTCSS
No
Multichannel Serial Peripheral Interface (McSPI)
McSPI
4
Quad SPI (QSPI)
QSPI
Yes
Spinlock Module
SPINLOCK
Yes
Timers, General-Purpose
TIMERS GP
16
Timer, Watchdog
WD TIMER
Yes
Pulse-Width Modulation Subsystem (PWMSS)
PWMSS1
Yes
PWMSS2
Yes
PWMSS3
Yes
Universal Asynchronous Receiver/Transmitter (UART)
UART
10
Universal Serial Bus (USB3.0)
USB1 (Super- Speed, Dual-
Role- Device [DRD])
Yes
Universal Serial Bus (USB2.0)
USB2 (High- Speed, Dual-
Role- Device [DRD], with
embedded HS PHY)
Yes
USB3 (High- Speed,
OTG2.0, with ULPI)
Yes
USB4 (High- Speed,
OTG2.0, with ULPI)
No
(1) IPU2 subsystem is dedicated to IVA support and is not available for other processing.
(2) For more details about the CTRL_WKUP_STD_FUSE_DIE_ID_2 register and Base PN bitfield, see the TDA2Ex Technical Reference
Manual.
3.2
Related Products
Automotive Processors
TDAx ADAS SoCs TI's TDAx Driver Assistance System-on-Chip (SoC) family offers scalable and open
solutions and a common hardware and software architecture for Advanced Driver Assistance
Systems (ADAS) applications including camera-based front (mono and stereo), rear,
surround view and night vision systems, and mid- and long-range radar and sensor fusion
systems.
Companion Products for TDA2 Review products that are frequently purchased or used in conjunction
with this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com