Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2EX Datasheet(PDF) 97 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 97 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 93Page - Texas Instruments TDA2EX Datasheet HTML 94Page - Texas Instruments TDA2EX Datasheet HTML 95Page - Texas Instruments TDA2EX Datasheet HTML 96Page - Texas Instruments TDA2EX Datasheet HTML 97Page - Texas Instruments TDA2EX Datasheet HTML 98Page - Texas Instruments TDA2EX Datasheet HTML 99Page - Texas Instruments TDA2EX Datasheet HTML 100Page - Texas Instruments TDA2EX Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 401 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2E-17
97
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Table 4-27. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4*
5
6*
7
8
9
10
14*
15
0x16C8
CTRL_CORE_PAD_
MCASP1_AXR5
A14
mcasp1_axr5 mcasp4_axr3
gpio5_7
Driver off
0x16CC
CTRL_CORE_PAD_
MCASP1_AXR6
A17
mcasp1_axr6 mcasp5_axr2
gpio5_8
Driver off
0x16D0
CTRL_CORE_PAD_
MCASP1_AXR7
A16
mcasp1_axr7 mcasp5_axr3
timer4
gpio5_9
Driver off
0x16D4
CTRL_CORE_PAD_
MCASP1_AXR8
A18
mcasp1_axr8 mcasp6_axr0
spi3_sclk
vin1a_d15
timer5
gpio5_10
Driver off
0x16D8
CTRL_CORE_PAD_
MCASP1_AXR9
B17
mcasp1_axr9 mcasp6_axr1
spi3_d1
vin1a_d14
timer6
gpio5_11
Driver off
0x16DC
CTRL_CORE_PAD_
MCASP1_AXR10
B16
mcasp1_axr1
0
mcasp6_aclkx mcasp6_aclkr spi3_d0
vin1a_d13
timer7
gpio5_12
Driver off
0x16E0
CTRL_CORE_PAD_
MCASP1_AXR11
B18
mcasp1_axr1
1
mcasp6_fsx
mcasp6_fsr
spi3_cs0
vin1a_d12
timer8
gpio4_17
Driver off
0x16E4
CTRL_CORE_PAD_
MCASP1_AXR12
A19
mcasp1_axr1
2
mcasp7_axr0
spi3_cs1
vin1a_d11
timer9
gpio4_18
Driver off
0x16E8
CTRL_CORE_PAD_
MCASP1_AXR13
E17
mcasp1_axr1
3
mcasp7_axr1
vin1a_d10
timer10
gpio6_4
Driver off
0x16EC
CTRL_CORE_PAD_
MCASP1_AXR14
E16
mcasp1_axr1
4
mcasp7_aclkx mcasp7_aclkr
vin1a_d9
timer11
gpio6_5
Driver off
0x16F0
CTRL_CORE_PAD_
MCASP1_AXR15
F16
mcasp1_axr1
5
mcasp7_fsx
mcasp7_fsr
vin1a_d8
timer12
gpio6_6
Driver off
0x16F4
CTRL_CORE_PAD_
MCASP2_ACLKX
E19
mcasp2_aclkx
vin1a_d7
Driver off
0x16F8
CTRL_CORE_PAD_
MCASP2_FSX
D19
mcasp2_fsx
vin1a_d6
Driver off
0x1704
CTRL_CORE_PAD_
MCASP2_AXR0
A20
mcasp2_axr0
Driver off
0x1708
CTRL_CORE_PAD_
MCASP2_AXR1
B19
mcasp2_axr1
Driver off
0x170C
CTRL_CORE_PAD_
MCASP2_AXR2
A21
mcasp2_axr2 mcasp3_axr2
vin1a_d5
gpio6_8
Driver off
0x1710
CTRL_CORE_PAD_
MCASP2_AXR3
B21
mcasp2_axr3 mcasp3_axr3
vin1a_d4
gpio6_9
Driver off
0x1714
CTRL_CORE_PAD_
MCASP2_AXR4
B20
mcasp2_axr4 mcasp8_axr0
gpio1_4
Driver off
0x1718
CTRL_CORE_PAD_
MCASP2_AXR5
C19
mcasp2_axr5 mcasp8_axr1
gpio6_7
Driver off
0x171C
CTRL_CORE_PAD_
MCASP2_AXR6
D20
mcasp2_axr6 mcasp8_aclkx mcasp8_aclkr
gpio2_29
Driver off
0x1720
CTRL_CORE_PAD_
MCASP2_AXR7
C20
mcasp2_axr7 mcasp8_fsx
mcasp8_fsr
gpio1_5
Driver off
0x1724
CTRL_CORE_PAD_
MCASP3_ACLKX
A22
mcasp3_aclkx mcasp3_aclkr mcasp2_axr1
2
uart7_rxd
vin1a_d3
gpio5_13
Driver off
0x1728
CTRL_CORE_PAD_
MCASP3_FSX
A23
mcasp3_fsx
mcasp3_fsr
mcasp2_axr1
3
uart7_txd
vin1a_d2
gpio5_14
Driver off
0x172C
CTRL_CORE_PAD_
MCASP3_AXR0
B22
mcasp3_axr0
mcasp2_axr1
4
uart7_ctsn
uart5_rxd
vin1a_d1
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com