Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2EX Datasheet(PDF) 6 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 2Page - Texas Instruments TDA2EX Datasheet HTML 3Page - Texas Instruments TDA2EX Datasheet HTML 4Page - Texas Instruments TDA2EX Datasheet HTML 5Page - Texas Instruments TDA2EX Datasheet HTML 6Page - Texas Instruments TDA2EX Datasheet HTML 7Page - Texas Instruments TDA2EX Datasheet HTML 8Page - Texas Instruments TDA2EX Datasheet HTML 9Page - Texas Instruments TDA2EX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 401 page
background image
6
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Device Comparison
Copyright © 2016–2018, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
FEATURES
Device
TDA2EGx
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2 [31:24] Base PN register bitfield value(2)
20 (0x14)
Processors/Accelerators
Speed Grades
H, D
Arm Single Cortex-A15 Microprocessor (MPU) Subsystem
MPU core 0
Yes
C66x VLIW DSP
DSP1
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
Display Subsystem
VOUT1
No
VOUT2
Yes
VOUT3
Yes
HDMI
Yes
Dual Arm Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
IPU2(1)
Yes
Image Video Accelarator (IVA)
IVA
Yes
SGX544 Single-Core 3D Graphics Processing Unit (GPU)
GPU
Yes
Video Input Port (VIP)
VIP1
vin1a
Yes
vin1b
Yes
vin2a
Yes
vin2b
Yes
Video Processing Engine (VPE)
VPE
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512KB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
DDR3/DDR3L Memory Controller
EMIF1
up to 2GB
SECDED/ECC
No
Dynamic Memory Manager (DMM)
DMM
Yes
Peripherals
Controller Area Network (DCAN) Interface
DCAN1
Yes
DCAN2
Yes
Enhanced DMA (EDMA)
EDMA
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
Up to 186
Inter-Integrated Circuit Interface (I2C)
I2C
6
System Mailbox Module
MAILBOX
13
Camera Adaptation Layer (CAL) Camera Serial Interface 2 (CSI2)
CSI2_0
1 CLK + 2 Data
CSI2_1
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com