| Electronic Components Datasheet Search |
|
LPC804 Datasheet(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC804 Datasheet(HTML) 33 Page - NXP Semiconductors |
|
33 / 81 page ![]() LPC804 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 1.3 — 23 March 2018 33 of 81 NXP Semiconductors LPC804 32-bit Arm Cortex-M0+ microcontroller 9.25.5 Wake-up process The LPC804 begin operation at power-up by using the FRO as the clock source allowing chip operation to resume quickly. If LPOsc or external clock sources are needed by the application, software must enable these features and wait for them to stabilize before they are used as a clock source. 9.26 System control 9.26.1 Reset Reset has four sources on the LPC804: the RESET pin, the Watchdog reset, power-on reset (POR), and the BrownOut Detection (BOD) circuit. The RESET pin is a Schmitt trigger input pin. Assertion of chip reset by any source, once the operating voltage attains a usable level, starts the FRO and initializes the flash controller. Table 8. Wake-up sources for reduced power modes power mode Wake-up source Conditions Sleep Any interrupt Enable interrupt in NVIC. Deep-sleep and power-down Pin interrupts Enable pin interrupts in NVIC and STARTERP0 registers. BOD interrupt • Enable interrupt in NVIC and STARTERP1 registers. • Enable interrupt in BODCTRL register. • BOD powered in PDSLEEPCFG register. BOD reset • Enable reset in BODCTRL register. • BOD powered in PDSLEEPCFG register. WWDT interrupt • Enable interrupt in NVIC and STARTERP1 registers. • WWDT running. Enable WWDT in WWDT MOD register and feed. • Enable interrupt in WWDT MOD register. • LPOsc powered in PDSLEEPCFG register. WWDT reset • WWDT running. • Enable reset in WWDT MOD register. • LPOsc powered in PDSLEEPCFG register. Self-Wake-up Timer (WKT) time-out • Enable interrupt in NVIC and STARTERP1 registers. • Enable low-power oscillator in the LPOSCCLKEN register in the SYSCON block. • Select low-power clock for WKT clock in the WKT CTRL register. • Start the WKT by writing a time-out value to the WKT COUNT register. Interrupt from USART/SPI/I2C peripheral • Enable interrupt in NVIC and STARTERP1 registers. • Enable USART/I2C/SPI interrupts. • Provide an external clock signal to the peripheral. • Configure the USART in synchronous slave mode and I2C and SPI in slave mode. Interrupt from Capacitive Touch peripheral • Enable interrupt in NVIC and STARTERP1 registers. • Enable the Capacitive Touch interrupt. • Switch FCLK clock source to the LPOsc. • Set Capacitive Touch registers. • Provide a touch event to the peripheral. Deep power-down WAKEUP pins Enable the WAKEUP function in the WUENAREG register in the PMU. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |