Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 6Page - NXP Semiconductors LPC804 Datasheet HTML 7Page - NXP Semiconductors LPC804 Datasheet HTML 8Page - NXP Semiconductors LPC804 Datasheet HTML 9Page - NXP Semiconductors LPC804 Datasheet HTML 10Page - NXP Semiconductors LPC804 Datasheet HTML 11Page - NXP Semiconductors LPC804 Datasheet HTML 12Page - NXP Semiconductors LPC804 Datasheet HTML 13Page - NXP Semiconductors LPC804 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.3 — 23 March 2018
10 of 81
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
Table 4.
Pin description
Symbol
Reset
state[1]
Type
Description
PIO0_0/ACMP_I1/TDO
22
22
19
24
[2]
I; PU
IO
PIO0_0 — General-purpose port 0 input/output 0.
In ISP mode, this is the U0_RXD pin (for single
supply devices).
In boundary scan mode: TDO (Test Data Out).
A
ACMP_I1 — Analog comparator input 1.
PIO0_1/ADC_0/ACMP_I2/
TDI/CLKIN
15
15
12
17
[2]
I; PU
IO
PIO0_1 — General-purpose port 0 input/output 1.
In boundary scan mode: TDI (Test Data In).
A
ACMP_I2 — Analog comparator input 2.
I
CLKIN — External clock input.
SWDIO/PIO0_2/
TMS
99
8
7
[3]
I; PU
IO
SWDIO — Serial Wire Debug I/O. SWDIO is
enabled by default on this pin. In boundary scan
mode: TMS (Test Mode Select).
I/O
PIO0_2 — General-purpose port 0 input/output 2.
SWCLK/PIO0_3/
TCK
88
7
6
[3]
I; PU
I
SWCLK — Serial Wire Clock. SWCLK is enabled
by default on this pin.
In boundary scan mode: TCK (Test Clock).
IO
PIO0_3 — General-purpose port 0 input/output 3.
PIO0_4/ADC_11/
TRSTN
77
6
5
[2]
I; PU
IO
PIO0_4 — General-purpose port 0 input/output 4.
In ISP mode, this pin is the U0_TXD pin (for single
supply devices).
In boundary scan mode: TRST (Test Reset).
A
ADC_11 — ADC input 11.
RESET/PIO0_5
6
6
5
4
[5]
I; PU
IO
RESET — External reset input: A LOW-going
pulse as short as 50 ns on this pin resets the
device, causing I/O ports and peripherals to take
on their default states, and processor execution to
begin at address 0.
The RESET pin can be left unconnected or be
used as a GPIO or for any movable function if an
external RESET function is not needed.
I
PIO0_5 — General-purpose port 0 input/output 5.
PIO0_7/ADC_1/
ACMPVREF
20
20
17
22
[2]
I; PU
IO
PIO0_7 — General-purpose port 0 input/output 7.
A
ADC_1 — ADC input 1.
ACMPVREF — Alternate reference voltage for the
analog comparator.
PIO0_8/ADC_5
17
17
14
19
[2]
I; PU
IO
PIO0_8 — General-purpose port 0 input/output 8.
In ISP mode, this is the U0_RXD pin (for dual
supply devices).
A
ADC_5 — ADC input 5.
PIO0_9/ADC_4
16
16
13
18
[2]
I; PU
IO
PIO0_9 — General-purpose port 0 input/output 9.
In ISP mode, this is the U0_TXD pin (for dual
supply devices).
A
ADC_4 — ADC input 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com