Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 7Page - NXP Semiconductors LPC804 Datasheet HTML 8Page - NXP Semiconductors LPC804 Datasheet HTML 9Page - NXP Semiconductors LPC804 Datasheet HTML 10Page - NXP Semiconductors LPC804 Datasheet HTML 11Page - NXP Semiconductors LPC804 Datasheet HTML 12Page - NXP Semiconductors LPC804 Datasheet HTML 13Page - NXP Semiconductors LPC804 Datasheet HTML 14Page - NXP Semiconductors LPC804 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.3 — 23 March 2018
11 of 81
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
PIO0_10/ADC_7
11
11
10
9
[2]
Inactive I; F
PIO0_10 — General-purpose port 0 input/output
10.
ADC_7 — ADC input 7.
PIO0_11/ADC_6/
WKTCLKIN
10
10
9
8
[2]
Inactive I; F
PIO0_11 — General-purpose port 0 input/output
11.
ADC_6 — ADC input 6.
WKTCKLKIN — This pin can host an external
clock for the self-wake-up timer. To use the pin as
a self-wake-up timer clock input, select the
external clock in the wake-up timer CTRL register.
The external clock input is active in sleep,
deep-sleep, and power-down modes.
PIO0_12
5
5
4
3
[3]
I; PU
IO
PIO0_12 — General-purpose port 0 input/output
12. ISP entry pin. A LOW level on this pin during
reset starts the ISP command handler.
PIO0_13/ADC_10
4
4
3
2
[2]
I; PU
IO
PIO0_13 — General-purpose port 0 input/output
13.
A
ADC_10 — ADC input 10.
PIO0_14/ACMP_3/
ADC_2
23
23
20
25
[2]
I; PU
IO
PIO0_14 — General-purpose port 0 input/output
14.
A
ACMP_I3 — Analog comparator common input 3.
A
ADC_2 — ADC input 2.
PIO0_15/ADC_8
14
14
11
16
[4]
I; PU
IO
PIO0_15 — General-purpose port 0 input/output
15.
ADC_8 — ADC input 8.
PIO0_16/ACMP_I4/
ADC_3
22
1
32
[3]
I; PU
IO
PIO0_16 — General-purpose port 0 input/output
16.
ACMP_I4 — Analog comparator common input 4.
ADC_3 — ADC input 3.
PIO0_17/ADC_9
3
-
2
1
[2]
I; PU
IO
PIO0_17 — General-purpose port 0 input/output
17.
A
ADC_9 — ADC input 9.
PIO0_18
1
1
-
31
[3]
I; PU
IO
PIO0_18 — General-purpose port 0 input/output
18.
PIO0_19/DACOUT
24
24
-
26
[2]
I; PU
IO
PIO0_19 — General-purpose port 0 input/output
19.
A
DACOUT — DAC output.
PIO0_20
13
13
-
15
[3]
I; PU
IO
PIO0_20 — General-purpose port 0 input/output
20.
PIO0_21/ACMP_I5
12
12
-
10
[3]
I; PU
IO
PIO0_21 — General-purpose port 0 input/output
21.
ACMP_15 — Analog comparator common input
5.
Table 4.
Pin description
Symbol
Reset
state[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com