Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB302T Datasheet(PDF) 5 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 5 Page - ON Semiconductor

  FUSB302T Datasheet HTML 1Page - ON Semiconductor FUSB302T Datasheet HTML 2Page - ON Semiconductor FUSB302T Datasheet HTML 3Page - ON Semiconductor FUSB302T Datasheet HTML 4Page - ON Semiconductor FUSB302T Datasheet HTML 5Page - ON Semiconductor FUSB302T Datasheet HTML 6Page - ON Semiconductor FUSB302T Datasheet HTML 7Page - ON Semiconductor FUSB302T Datasheet HTML 8Page - ON Semiconductor FUSB302T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
4
Configuration Channel Switch
The FUSB302T integrates the control and detection
functionality required to implement a USB Type-C host,
device or dual-role port including:
Device Port Pull-Down(R
D)
Host Port Pull-Up (I
P)
VCONN Power Switch with OCP for Full-Featured
USB3.1 Cables
USB BMC Power Delivery Physical Layer
Configuration Channel (CC) Threshold
Comparators.
Each CC pin contains a flexible switch matrix that allows
the host software to control what type of Type-C port is
implemented. The switches are shown in Figure 5.
Figure 5.
Configuration Channel Switch Functionality
Type-C Detection
The FUSB302T implements multiple comparators and a
programmable DAC that can be used by software to
determine the state of the CC and VBUS pins. This status
information provides the processor all of the information
required to determine attach, detach and charging current
configuration of the Type-C port connection.
The FUSB302T has three fixed threshold comparators
that match the USB Type-C specification for the three
charging current levels that can be detected by a Type-
C device. These comparators automatically cause
BC_LVL and COMP interrupts to occur when there is a
change of state. In addition to the fixed threshold
comparators, the host software can use the 6-bit DAC to
determine the state of the CC lines more accurately.
The FUSB302T also has a fixed comparator that
monitors if VBUS has reached a valid threshold or not.
The DAC can be used to measure VBUS up to 20 V
which allows the software to confirm that changes to the
VBUS line have occurred as expected based on PD or
other communication methods to change the charging
level.
Default Float on CC
With or without VDD, The default CC status of
FUSB302T
is
float/open,
which
is
different
from
FUSB302B. The FUSB302T is suitable for charger
(wall) adaptor application which needs source only
mode and shouldn
‟t be seen as sink mode even with no
power on the device. The FUSB302T, however, can be
set to SINK mode, which has Rd (pull-down) on CCx by
software program.
Detection through Autonomous Device Toggle
The FUSB302T has the capability to do autonomous
DRP toggle. In autonomous toggle the FUSB302T
internally controls the PDWN1, PDWN2, PU_EN1 and
PU_EN2, MEAS_CC1 and MEAS_CC2 and implements
a fixed DRP toggle between presenting as a SRC and
presenting as a SNK. Alternately, it can present as a
SRC or SNK only and poll CC1 and CC2 continuously.
BMC
I/O
DAC/
Comparator
PWDNx
Reg
VCONN_CCx
Reg
Current
Source
Pull-ups
MEAS_CCx
Reg
TXCCx
Reg
PU_ENx
Reg
5.1K
VCONN_SWITCH
VCONN
MEAS_CC_SWITCH
TX_BMC_SWITCH
PULLUP_SWITCH
PULLDOWN_SWITCH
CCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com