Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB302T Datasheet(PDF) 30 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 30 Page - ON Semiconductor

Back Button FUSB302T Datasheet HTML 26Page - ON Semiconductor FUSB302T Datasheet HTML 27Page - ON Semiconductor FUSB302T Datasheet HTML 28Page - ON Semiconductor FUSB302T Datasheet HTML 29Page - ON Semiconductor FUSB302T Datasheet HTML 30Page - ON Semiconductor FUSB302T Datasheet HTML 31Page - ON Semiconductor FUSB302T Datasheet HTML 32Page - ON Semiconductor FUSB302T Datasheet HTML 33Page - ON Semiconductor FUSB302T Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
29
Table 25. Status0
- Address: 40h
- Reset Value: 0x0000_0000
- Type: Read
Bit #
Name
R/W/C
Size (Bits)
Description
7
VBUSOK
R
1
1: Interrupt occurs when VBUS transitions through vVBUSthr.
This bit typically is used to recognize port partner during
startup.
6
ACTIVITY
R
1
1: Transitions are detected on the active CC* line. This bit goes
high after a minimum of 3 CC transitions, and goes low with no
Transitions.
0: inactive.
5
COMP
R
1
1: Measured CC* input is higher than reference level driven
from the MDAC.
0: Measured CC* input is lower than reference level driven
from the MDAC.
4
CRC_CHK
R
1
1: Indicates the last received packet had the correct CRC. This
bit remains set until the SOP of the next packet.
0: Packet received for an enabled SOP* and CRC for the
enabled packet received was incorrect
3
ALERT
R
1
1: Alert software an error condition has occurred. An alert is
caused by:
TX_FULL: the transmit FIFO is full.
RX_FULL: the receive FIFO is full.
See Status1 bits
2
WAKE
R
1
1: Voltage on CC indicated a device attempting to attach.
0: WAKE either not enabled (WAKE_EN=0) or no device
attached.
1:0
BC_LVL[1:0]
R
2
Current voltage status of the measured CC pin interpreted as
host current levels as follows:
00: < 200 mV
01: >200 mV, <660 mV
10: >660 mV, <1.23 V
11:>1.23 V
Note the software must measure these at an appropriate time,
while there is no signaling activity on the selected CC line.
BC_LVL is only defined when Measure block is on which is
when register bits PWR[2]=1 and either MEAS_CC1=1 or
MEAS_CC2=1
Table 26. Status1
- Address: 41h
- Reset Value: 0x0010_1000
- Type: Read
Bit #
Name
R/W/C
Size (Bits)
Description
7
RXSOP2
R
1
1: Indicates the last packet placed in the RxFIFO
is type SOP‟‟
(SOP double prime).
6
RXSOP1
R
1
1: Indicates the last packet placed in the RxFIFO
is type SOP‟
(SOP prime).
5
RX_EMPTY
R
1
1: The receive FIFO is empty.
4
RX_FULL
R
1
1: The receive FIFO is full.
3
TX_EMPTY
R
1
1: The transmit FIFO is empty.
2
TX_FULL
R
1
1: The transmit FIFO is full.
1
OVRTEMP
R
1
1: Temperature of the device is too high.
0
OCP
R
1
1: Indicates an over-current or short condition has occurred on
the VCONN switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com