Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB302T Datasheet(PDF) 9 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FUSB302T Datasheet HTML 5Page - ON Semiconductor FUSB302T Datasheet HTML 6Page - ON Semiconductor FUSB302T Datasheet HTML 7Page - ON Semiconductor FUSB302T Datasheet HTML 8Page - ON Semiconductor FUSB302T Datasheet HTML 9Page - ON Semiconductor FUSB302T Datasheet HTML 10Page - ON Semiconductor FUSB302T Datasheet HTML 11Page - ON Semiconductor FUSB302T Datasheet HTML 12Page - ON Semiconductor FUSB302T Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
8
Manual Dual-Role Detection and Configuration
The Type-C specification allows ports to be both a
device and a host depending on what type of port has
attached. This functionality is similar to USB OTG ports
with the current USB connectors and is called a dual-
role port. The FUSB302T can be used to implement a
dual-role port. A Type-C dual role port toggles between
presenting as a Type-C device and a Type-C host. The
host software controls the toggle time and configuration
of the FUSB302T in each state as shown in Figure 9.
Figure 9.
DRP Software Flow
BMC Power Delivery
The Type-C connector allows USB Power Delivery (PD)
to be communicated over the connected CC pin
between two ports. The communication method is the
BMC Power Delivery protocol and is used for many
different reasons with the Type-C connector. Possible
uses are outlined below.
Negotiating and controlling charging power levels
Alternative Interfaces such as MHL, Display Port
Vendor specific interfaces for use with custom
docks or accessories
Role swap for dual-role ports that want to switch
who is the host or device
Communication with USB3.1 full featured cables
The FUSB302T integrates a thin BMC PD client which
includes the BMC physical layer and packet FIFOs (48
bytes for transmit and 80 bytes for receive) which allows
packets to be sent and received by the host software
through I2C accesses. The FUSB302T allows host
software to implement all features of USB BMC PD
through writes and reads of the FIFO and control of the
FUSB302T physical interface.
The FUSB302T uses tokens to control the transmission
of BMC PD packets. These tokens are written to the
transmit FIFO and control how the packet is transmitted
on the CC pin. The tokens are designed to be flexible
and support all aspects of the USB PD specification.
The FUSB302T additionally enables control of the BMC
transmitter through tokens. The transmitter can be
enabled or disabled by specific token writes which allow
faster packet processing by burst writing the FIFO with
all the information required to transmit a packet.
The FUSB302T receiver stores the received data and
the received CRC in the receive FIFO when a valid
packet is received on the CC pin. The BMC receiver
automatically enables the internal oscillator when an
Activity is sensed on the CC pin and load to the FIFO
when a packet is received. The I_ACTIVITY and
I_CRC_CHK interrupts alert the host software that a
valid packet was received.
Disabled:
FUSB302T in low power
mode looking for an attach
Unattached.UFP:
Host software enables
FUSB302T pull-downs
and measure block to
detect attach
FUSB302T I_WAKE
interrupt alerts host
software that something
has attached.
Attached.UFP
Host software uses FUSB302T
comparators and DAC to
determine attach orientation and
port type
FUSB302T I_VBUSOK interrupt
alerts host software that an attach
has occurred
FUSB302T I_VBUSOK interrupt
alerts host software that a detach has
occurred
Host software enables
FUSB302T low power
Disabled state
Unattached.DFP:
Host software enables
FUSB302T pull-ups and
measure block to detect
attach
Attached.DFP
Host software configures
FUSB302T based on insertion
orientation and enables VBUS
and VCONN
Host software toggle
expires
Host software utilizes I_COMP and
I_BC_LVL interrupts to determine an
attach
FUSB302T I_COMP interrupt alerts
host software that a detach has
occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com