Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB302T Datasheet(PDF) 22 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 22 Page - ON Semiconductor

Back Button FUSB302T Datasheet HTML 18Page - ON Semiconductor FUSB302T Datasheet HTML 19Page - ON Semiconductor FUSB302T Datasheet HTML 20Page - ON Semiconductor FUSB302T Datasheet HTML 21Page - ON Semiconductor FUSB302T Datasheet HTML 22Page - ON Semiconductor FUSB302T Datasheet HTML 23Page - ON Semiconductor FUSB302T Datasheet HTML 24Page - ON Semiconductor FUSB302T Datasheet HTML 25Page - ON Semiconductor FUSB302T Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
21
Table 7.
Switches1
- Address: 03h
- Reset Value: 0x0010_0000
- Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Description
7
POWERROLE
R/W
1
Bit used for constructing the GoodCRC acknowledge packet.
This bit corresponds to the Port Power Role bit in the message
header if an SOP packet is received
1: Source if SOP
0: Sink if SOP
6:5
SPECREV1:
SPECREV0
R/W
2
Bit used for constructing the GoodCRC acknowledge packet.
These bits correspond to the Specification Revision bits in the
message header
00: Revision 1.0
01: Revision 2.0
10, 11: Do Not Use
4
DATAROLE
R/W
1
Bit used for constructing the GoodCRC acknowledge packet.
This bit corresponds to the Port Data Role bit in the message
header.
For SOP:
1: SRC
0: SNK
3
Reserved
N/A
1
Do Not Use
2
AUTO_CRC
R/W
1
1: Starts the transmitter automatically when a message with a
good CRC is received and automatically sends a GoodCRC
acknowledge packet back to the relevant SOP*
0: Feature disabled.
1
TXCC2
R/W
1
1: Enable BMC transmit driver on CC2 pin.
0
TXCC1
R/W
1
1: Enable BMC transmit driver on CC1 pin.
Table 8.
Measure
- Address: 04h
- Reset Value: 0x0011_0001
- Type: Read/Write
Bit #
Name
R/W/C Size (Bits)
Description
7
Reserved
N/A
1
Do Not Use
6
MEAS_VBUS
R/W
1
0: MDAC/comparator measurement is controlled by
MEAS_CC* bits.
1: Measure VBUS with the MDAC/comparator. This requires
MEAS_CC* bits to be 0.
5:0
MDAC[5:0]
R/W
6
Measure Block DAC data input. LSB is equivalent to 42 mV of
voltage which is compared to the measured CC voltage. The
measured CC is selected by MEAS_CC2, or MEAS_CC1 bits.
MDAC[5:0]
MEAS_VBUS=0
MEAS_VBUS=1
Unit
00_0000
0.042
0.420
V
00_0001
0.084
0.840
V
11_0000
2.058
20.58
V
11_0011
2.184
21.84
V
11_1110
2.646
26.46
V
11_1111
>2.688
26.88
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com