Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-R21 Datasheet(PDF) 63 Page - Omron Electronics LLC

Part # E32-R21
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 63 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 59Page - Omron Electronics LLC E32-R21 Datasheet HTML 60Page - Omron Electronics LLC E32-R21 Datasheet HTML 61Page - Omron Electronics LLC E32-R21 Datasheet HTML 62Page - Omron Electronics LLC E32-R21 Datasheet HTML 63Page - Omron Electronics LLC E32-R21 Datasheet HTML 64Page - Omron Electronics LLC E32-R21 Datasheet HTML 65Page - Omron Electronics LLC E32-R21 Datasheet HTML 66Page - Omron Electronics LLC E32-R21 Datasheet HTML 67Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
E32
E32
64
J
EXCESS GAIN RATIO (CONT.)
Diffuse, General Purpose
E32-D11L with E3X-A, E3X-F and
E3X-VG amplifiers
E3X-Fj
Sensing distance (mm)
Sensing distance
Sensing object
E3X-Aj
E3X-VGj
Operating level
0
40
80
120
160 200
1
2
3
4
5
6
Sensing
object
Sensing distance
E32-D11L with E3X-H11 amplifier
Sensing distance (mm)
Sensing distance
Target
E32-D11L with E3X-NH amplifier
Sensing distance (mm)
E3X-NVG
Sensing distance (m)
Detectable
object
Operating level
E32-D11L with E3X-NVG amplifier
E32-D11R with E3X-NH amplifier
Sensing distance (mm)
Sensing distance
Sensing target
E3X-NH
Sensing distance (mm)
100
50
30
10
5
1
0
246
8
10
12
Operating level
14
16
E32-D21 with E3X-A11 amplifier
100
10
1
0
0.1
Sensing distance (mm)
515
10
E32-D21 with E3JU-XR amplifier
Sensing distance (mm)
Sensing distance
Sensing object
E3X-Aj
E3X-Fj
Operating level
E32-D21L with E3X-A, E3X-F, and
E3X-VG amplifiers
Sensing
object
Sensing distance
Sensing distance (mm)
E32-D11L with E3X-H11 amplifier
E3X-VGj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com