Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-R21 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E32-R21
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E32-R21 Datasheet HTML 1Page - Omron Electronics LLC E32-R21 Datasheet HTML 2Page - Omron Electronics LLC E32-R21 Datasheet HTML 3Page - Omron Electronics LLC E32-R21 Datasheet HTML 4Page - Omron Electronics LLC E32-R21 Datasheet HTML 5Page - Omron Electronics LLC E32-R21 Datasheet HTML 6Page - Omron Electronics LLC E32-R21 Datasheet HTML 7Page - Omron Electronics LLC E32-R21 Datasheet HTML 8Page - Omron Electronics LLC E32-R21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
R
2
An Extensive Selection of Fiber-Optic Cables
E32
Fiber-Optic Sensing Heads Offer a
Wide Variety of Unique Solutions for
Tough Problems
H
Fiber-optic sensors detect small,
fast-moving objects in space-confined
installations and harsh environments
H
For a custom fit in the field, most plastic
filament cables can be cut to length
H
For detection in hard-to-reach places,
sensing heads with bendable stainless steel
tubing retain complex shapes
H
Coiled and ultra-flexible cables are ideal for
flexing and reciprocating machinery such as
robots
H
Side-view sensing heads or accessories
save space in right-angle detection
H
Convergent beam sensing heads allow
accurate positioning and background
suppression even for shiny objects
H
Narrow detection zone of concentric beam
sensing heads helps eliminate background
objects and gives consistent sensing,
regardless of object direction
H
Highly flexible fibers with minimum 1-mm
bending radius allows cable to conform to
machine contours
H
Most fiber cables offer IP67 protection and
temperature ratings of --40°Cto 70°C
(--40°F to 158°F)


Similar Part No. - E32-R21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-R21 OMRON-E32-R21 Datasheet
1Mb / 64P
Optical Fiber Photoelectric Sensor
E32-R21 OMRON-E32-R21 Datasheet
993Kb / 38P
Fine Tuning Fiber Photoelectric Sensor
E32-R21 2M OMRON-E32-R21 2M Datasheet
16Mb / 100P
Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
E32-R21 2M OMRON-E32-R21 2M Datasheet
3Mb / 13P
Smart Fiber Amplifier Unit
2016.6
E32-R21 2M + E39-R3 OMRON-E32-R21 2M + E39-R3 Datasheet
2Mb / 20P
Simple Fiber Amplifier
0110
More results

Similar Description - E32-R21

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
Fiber Sensors Best Selection Catalog
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
Fiber Sensors Best Selection Catalog
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
Extensive Characterization of Recovery Parameters
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com