Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-R21 Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # E32-R21
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 38Page - Omron Electronics LLC E32-R21 Datasheet HTML 39Page - Omron Electronics LLC E32-R21 Datasheet HTML 40Page - Omron Electronics LLC E32-R21 Datasheet HTML 41Page - Omron Electronics LLC E32-R21 Datasheet HTML 42Page - Omron Electronics LLC E32-R21 Datasheet HTML 43Page - Omron Electronics LLC E32-R21 Datasheet HTML 44Page - Omron Electronics LLC E32-R21 Datasheet HTML 45Page - Omron Electronics LLC E32-R21 Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
E32
E32
43
J
E3XA-CC4A ANALOG FIBER-OPTIC AMPLIFIER
Through-beam Fiber-optic Cables
Application Features
Appearance
Detection distance
Min. detectable object
Part number
General
purpose
Compact threaded head;
25 mm bending radius; 1 mm
ID fiber
M4 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
80 mm (600 mm*)
0.2 mm dia.
E32-TC200
General
purpose
M3; possible to mount the
reflective side-view conver-
sion attachment (E39-F5);
25 mm bending radius; 1 mm
ID fiber
M3 threaded head x
12.5 mm (0.49 in) L
2 m (6.56 ft) length
80 mm
0.2 mm dia.
E32-TC200A
Thin probe Probe for space-confined
sensing areas; 25 mm bend-
ing radius; 1 mm ID fiber
M4 threaded head
90 mm (3.54 in)
probe length
2 m (6.56 ft) length
80 mm
0.2 mm dia.
E32-TC200B
Thin probe Probe for space-confined
sensing areas; 25 mm bend-
ing radius; 1 mm ID fiber
M4 threaded head
40 mm (1.57 in)
probe length
2 m (6.56 ft) length
80 mm
0.2 mm dia.
E32-TC200B4
General
purpose
M3; suitable for detecting
minute objects; 25 mm
bending radius; 0.5 mm ID
fiber
M3 threaded head x
11 mm (0.43 in) L
2 m (6.56 ft) length
20 mm
0.1 mm dia.
E32-TC200E
Bendable
probe
Sensing head with 90 mm
probe; 25 mm bending radius
M3 threaded head
90 mm (3.54 in)
length probe
2 m (6.56 ft) length
20 mm
0.1 mm dia.
E32-TC200F
Bendable
probe
Sensing head with 90 mm
probe; 25 mm bending radius
M3 threaded head
40 mm (1.57 in)
length probe
2 m (6.56 ft) length
20 mm
0.1 mm dia.
E32-TC200F4
Long
distance
Built-in lens provides long
sensing distance; each
sensing head has two 3.2 mm
screw mounting holes; 25 mm
bending radius; 1 mm ID fiber
2 m (6.56 ft) length
90 mm
0.8 mm dia.
E32-T14
Mark/edge
detection
Ideal for mark sensing or belt
alignment; no optical axis
adjustment required; easy to
mount; 1 mm ID fiber
10 mm
2 m (6.56 ft) length
10 mm
0.8 mm dia.
E32-G14
Area
sensing
Multiple heads allow shape
recognition; 0.5 mm ID fiber
M3 threaded head
x11 mm (0.43 in) L
2 m (6.56 ft) length
100 mm
0.3 mm dia.
E32-M21
Note: *Value in parentheses represents the sensing distance of the fiber when the E39-F1 lens is attached to its tip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com