Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-R21 Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # E32-R21
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 37Page - Omron Electronics LLC E32-R21 Datasheet HTML 38Page - Omron Electronics LLC E32-R21 Datasheet HTML 39Page - Omron Electronics LLC E32-R21 Datasheet HTML 40Page - Omron Electronics LLC E32-R21 Datasheet HTML 41Page - Omron Electronics LLC E32-R21 Datasheet HTML 42Page - Omron Electronics LLC E32-R21 Datasheet HTML 43Page - Omron Electronics LLC E32-R21 Datasheet HTML 44Page - Omron Electronics LLC E32-R21 Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
E32
E32
42
J
BLOCK STYLE FIBER-OPTIC AMPLIFIERS
The following tables show the detection distance for selected fiber-optic cables in combination with Omron block style amplifiers. These
amplifiers offer specialized capabilities to solve particular application problems.
J
E3MC-(M)Y RGB COLOR SENSOR
Through-beam Fiber-optic Cables
Application Features
Appearance
Detection distance
(see note)
Part number
General
purpose
Compact threaded head; 25 mm bending radius; 1 mm
ID fiber
M4 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
30 mm
E32-TC200
Long
distance
Compact M4, head, 1.mm ID fiber; 25 mm bending
radius; 1.4 mm ID fiber
M4 threaded head x
11 mm (0.43 in) L
2 m (6.56 ft) length
60 mm
E32-T11L
Area
sensing
10 mm wide beam, long sensing distance; 25 mm
bending radius; 1 mm ID fiber
10 mm
2 m (6.56 ft) length
200 mm
E32-T16
Long
distance
M14 with magnifying lens extends sensing distance;
ideal for explosion--proof applications; 25 mm bending
radius; 1 mm ID fiber
M14 threaded head
x 23 mm (0.91 in) L
10 m (32.8 ft) length
1,100 mm
E32-T17L
Note: The E3MC-(M)Y discriminates red, blue, and yellow films at the above distances.
Diffuse Fiber-optic Cables
Application Features
Appearance
Detection distance
(see note)
Part number
High
precision
positioning
Concentric beam: emitter in the center and a ring of 16
receivers in the 2.5 mm dia. tip; 25 mm bending radius;
1 mm ID fiber; coaxial diffuse
M6 threaded head x
20 mm (0.79 in) L
2 m (6.56 ft) length
5mm
E32-CC200
General
purpose
Compact threaded head; 25 mm bending radius; 1 mm
ID fiber
M6 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
5mm
E32-DC200
Long
distance
Compact threaded sensing head;
25 mm bending radius; 1 mm ID fiber
M6 threaded head x
17 mm (0.67 in) L
2 m (6.56 ft) length
5mm
E32-D11L
Precise
positioning
Concentric beam: light source in the center with a ring
of 16 receivers in 3 mm dia. tip; 25 mm bending radius;
coaxial diffuse
3 mm (0.12 in) dia.
x 15 mm (0.59 in) L
2 m (6.56 ft) length
4.5 mm
E32-D32L
Note: The E3MC-(M)Y discriminates eleven colors at the above distances. For a typical example, nine colors are discriminated at a
sensing distance of 12 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com