Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548BCPZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 55Page - Analog Devices AD9548BCPZ Datasheet HTML 56Page - Analog Devices AD9548BCPZ Datasheet HTML 57Page - Analog Devices AD9548BCPZ Datasheet HTML 58Page - Analog Devices AD9548BCPZ Datasheet HTML 59Page - Analog Devices AD9548BCPZ Datasheet HTML 60Page - Analog Devices AD9548BCPZ Datasheet HTML 61Page - Analog Devices AD9548BCPZ Datasheet HTML 62Page - Analog Devices AD9548BCPZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 111 page
background image
Data Sheet
AD9548
Rev. G | Page 59 of 111
INPUT/OUTPUT PROGRAMMING REGISTERS
The register map spans an address range from 0x0000 through
0x0E3F (0 to 3647, decimal). Each address provides access to one
byte (eight bits) of data. Each individual register is identified by its
four-digit hexadecimal address (for example, Register 0x0A10). In
some cases, a group of addresses collectively defines a register
(for example, the IRQ mask register consists of Register 0x0209,
Register 0x020A, Register 0x020B, Register 0x020C,
Register 0x020D, Register 0x020E, Register 0x020F, and
Register 0x0210).
In general, when a group of registers defines a control parameter,
the LSB of the value resides in the D0 position of the register with
the lowest address. The bit weight increases right to left, from the
lowest register address to the highest register address. For example,
the default value of the incremental phase lock offset step size
register (Address 0x0314 to Address 0x0315) is the 16-bit
hexadecimal number, 0x03E8 (not 0xE803).
Note that the EEPROM storage sequence registers (Address 0x0E10
to Address 0x0E3F) are an exception to the above convention (see
the EEPROM Instructions section).
BUFFERED/ACTIVE REGISTERS
There are two broad categories of registers in the AD9548—
buffered and active (see Figure 68). Buffered registers need an
input/output update to apply their contents to the internal device
functions. In contrast, active registers do not require an
input/output update to transfer data between the buffer registers
and the internal device functions. In operation, the user programs
as many buffer registers as desired and then issues an input/output
update. The input/output update occurs by writing to Register
0x0005, Bit 0 = 1 (or by the external application of the necessary
logic level to one of the multifunction pins previously programmed
as an input/output update input). The contents of buffer registers
connected directly to the internal device functions affect those
functions immediately. The contents of buffer registers that connect
to active registers do not affect the internal device functions until
the input/output update event occurs.
An L in the Opt column of the register map indicates an active
(or live) register. An S or a C in the Opt column of the register
map identifies a buffered register. An S entry means that the
input/output update signal to the active register is synchronized
with the serial port clock or with an input signal driving one of
the multifunction pins. On the other hand, a C entry means
that the input/output update signal to the active register is
synchronized with a clock signal derived from the internal
system clock (fS/32), as shown in Figure 68.
When reading back a register that has both buffered and active
contents, the user can use Register 0x0004, Bit 0 to select
whether to read back the buffer or active contents. Readback of
the active contents occurs when Register 0x0004, Bit 0 = 0, and
readback of the buffer contents occurs when Register 0x0004,
Bit 0= 1. Note that a read-only active register requires an
input/output update before reading its contents.
FROM
MULTIFUNCTION
PIN LOGIC
SERIAL
CONTROL
PORT
fS/32
EDGE
DETECT
CS/SDA
SCLK/SCL
SDIO
SDO
5
3
4
2
Figure 68. Buffered and Active Registers
AUTOCLEAR REGISTERS
An A in the Opt column of the register map identifies an autoclear
register. Typically, the active value for an autoclear register takes
effect following an input/output update. The bit is cleared by the
internal device logic upon completion of the prescribed action.
REGISTER ACCESS RESTRICTIONS
Read and write access to the register map may be restricted based
on the register in question, the source and direction of access, and
the current state of the device. Each register can be classified as one
or more access types. When more than one type applies, the most
restrictive condition that applies at the moment is used.
Whenever access is denied to a register, all attempts to read the
register return a 0 byte, and all attempts to write to the register are
ignored. Access to nonexistent registers is handled in the same way
as for a denied register.
Regular Access
Registers with regular access do not fall into any other category.
Both read and write access to registers of this type can be from
either the serial ports or EEPROM controller. Only one of these
sources can have access to a register at any given time (access is
mutually exclusive). When the EEPROM controller is active, either
in load or store mode, it has exclusive access to these registers.
Read-Only Access
An R in the Opt column of the register map identifies read-only
registers. Access is available at all times, including when the
EEPROM controller is active.
Exclusion from EEPROM Access
An E in the Opt column of the register map identifies a register
with contents that are inaccessible to the EEPROM. The contents of
this type of register cannot be transferred directly to the
EEPROM or vice versa. Note that read-only registers (R) are
inaccessible to the EEPROM, as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com