Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 18Page - Analog Devices AD9548BCPZ Datasheet HTML 19Page - Analog Devices AD9548BCPZ Datasheet HTML 20Page - Analog Devices AD9548BCPZ Datasheet HTML 21Page - Analog Devices AD9548BCPZ Datasheet HTML 22Page - Analog Devices AD9548BCPZ Datasheet HTML 23Page - Analog Devices AD9548BCPZ Datasheet HTML 24Page - Analog Devices AD9548BCPZ Datasheet HTML 25Page - Analog Devices AD9548BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
AD9548
Data Sheet
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
12
14
16
TIME (ns)
20pF LOAD
10pF LOAD
Figure 25. Output Waveform,
3.3 V CMOS (100 MHz, Strong Mode)
–0.5
0
0.5
1.0
1.5
2.0
0
2
4
6
8
10
12
14
16
TIME (ns)
20pF LOAD
10pF LOAD
Figure 26. Output Waveform,
1.8 V CMOS (100 MHz)
5pF LOAD
20 pF LOAD
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
70
80
TIME (ns)
Figure 27. Output Waveform,
3.3 V CMOS (20 MHz, Weak Mode)
Rev. G | Page 22 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com