Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548BCPZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 79Page - Analog Devices AD9548BCPZ Datasheet HTML 80Page - Analog Devices AD9548BCPZ Datasheet HTML 81Page - Analog Devices AD9548BCPZ Datasheet HTML 82Page - Analog Devices AD9548BCPZ Datasheet HTML 83Page - Analog Devices AD9548BCPZ Datasheet HTML 84Page - Analog Devices AD9548BCPZ Datasheet HTML 85Page - Analog Devices AD9548BCPZ Datasheet HTML 86Page - Analog Devices AD9548BCPZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
Data Sheet
AD9548
Table 78. Phase Build-Out Switching
Address
Bits
Bit Name
Description
0x0507
[7:3]
Unused
[2:0]
Phase master
threshold
priority
Threshold priority level (a value of 0 to 7, with 0 (default) being the highest priority level). References
with a selection priority value lower than this value are treated as phase masters (see the Profile
Registers (Register 0X0600 to Register 0X07FF) section for the selection priority value).
PROFILE REGISTERS (REGISTER 0x0600 TO REGISTER 0x07FF)
Note that the default value of every bit is 0 for Profile 0 to Profile 7.
Register 0x0600 to Register 0x0631—Profile 0
Table 79. Priorities—Profile 0
Address
Bits
Bit Name
Description
0x0600
[7]
Phase lock
scale
Controls the phase lock threshold unit scaling.
0 = picoseconds.
1 = nanoseconds.
[6]
Unused
[5:3]
Promoted
priority
User assigned priority level (0 to 7) of the reference associated with Profile 0 while that reference is the
active reference. The numeric value of the promoted priority must be less than or equal to the numeric
value of the selection priority.
[2:0]
Selection
priority
User assigned priority level (0 to 7) of the reference associated with Profile 0, which ranks that reference
relative to the others.
Table 80. Reference Period—Profile 0
Address
Bits
Bit Name
Description
0x0601
[7:0]
Reference period (in femtoseconds)
Nominal reference period, Bits[7:0]
0x0602
[7:0]
Nominal reference period, Bits[15:8]
0x0603
[7:0]
Nominal reference period, Bits[23:16]
0x0604
[7:0]
Nominal reference period, Bits[31:24]
0x0605
[7:0]
Nominal reference period, Bits[39:32]
0x0606
[7:0]
Nominal reference period, Bits[47:40]
0x0607
[7:2]
Unused
[1:0]
Reference period
Nominal reference period, Bits[49:48]
Table 81. Tolerance—Profile 0
Address
Bits
Bit Name
Description
0x0608
[7:0]
Inner tolerance
Inner tolerance, Bits[7:0]
0x0609
[7:0]
Inner tolerance, Bits[15:8]
0x060A
[7:4]
Unused
[3:0]
Inner tolerance
Inner tolerance, Bits[19:16]
0x060B
[7:0]
Outer tolerance
Outer tolerance, Bits[7:0]
0x060C
[7:0]
Outer tolerance, Bits[5:8]
0x060D
[7:4]
Unused
[3:0]
Outer tolerance
Outer tolerance, Bits[19:16]
Table 82. Validation Timer—Profile 0
Address
Bits
Bit Name
Description
0x060E
[7:0]
Validation timer (in milliseconds)
Validation timer, Bits[7:0]
0x060F
[7:0]
Validation timer, Bits[15:8]
Table 83. Redetect Timer—Profile 0
Address
Bits
Bit Name
Description
0x0610
[7:0]
Redetect timer (in milliseconds)
Redetect timer, Bits[7:0]
0x0611
[7:0]
Redetect timer, Bits[15:8]
Rev. G | Page 83 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com