Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9558BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9558BCPZ
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9558BCPZ Datasheet HTML 40Page - Analog Devices AD9558BCPZ Datasheet HTML 41Page - Analog Devices AD9558BCPZ Datasheet HTML 42Page - Analog Devices AD9558BCPZ Datasheet HTML 43Page - Analog Devices AD9558BCPZ Datasheet HTML 44Page - Analog Devices AD9558BCPZ Datasheet HTML 45Page - Analog Devices AD9558BCPZ Datasheet HTML 46Page - Analog Devices AD9558BCPZ Datasheet HTML 47Page - Analog Devices AD9558BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 105 page
background image
AD9558
Data Sheet
Rev. C | Page 44 of 105
STATUS AND CONTROL
MULTIFUNCTION PINS (M7 TO M0)
The AD9558 has eight digital CMOS I/O pins (M7 to M0) that
are configurable for a variety of uses. To use these functions, the
user must enable them by writing a 0x01 to Register 0x0200. The
function of these pins is programmable via the register map. Each
pin can control or monitor an assortment of internal functions
based on the contents of Register 0x0201 to Register 0x0208.
To monitor an internal function with a multifunction pin, write
a Logic 1 to the most significant bit of the register associated
with the desired multifunction pin. The value of the seven least
significant bits of the register defines the control function, as
shown in Table 129.
To control an internal function with a multifunction pin, write a
Logic 0 to the most significant bit of the register associated with
the desired multifunction pin. The monitored function depends
on the value of the seven least significant bits of the register, as
shown in Table 130.
If more than one multifunction pin operates on the same
control signal, then internal priority logic ensures that only one
multifunction pin serves as the signal source. The selected pin is
the one with the lowest numeric suffix. For example, if both M0
and M3 operate on the same control signal, then M0 is used as
the signal source and the redundant pins are ignored.
At power-up, the multifunction pins can be used to force the
device into certain configurations as defined in the initial pin
programming section. This functionality, however, is valid only
during power-up or following a reset, after which the pins can
be reconfigured via the serial programming port or via the
EEPROM.
If the output SYNC function is to be controlled using an M pin,
1. Enable the M pins by writing Register 0x0200 = 0x01.
2. Issue an I/O update (Register 0x0005 = 0x01).
3. Set the appropriate M pin function.
If this process is not followed, a sync pulse is issued automatically.
IRQ Pin
The AD9558 has a dedicated interrupt request (IRQ) pin.
Bits[1:0] of the IRQ pin output mode register (Register 0x0209)
control how the IRQ pin asserts an interrupt based on the value
of the two bits, as follows:
•
00: the IRQ pin is high impedance when deasserted and
active low when asserted and requires an external pull-up
resistor.
•
01: the IRQ pin is high impedance when deasserted and
active high when asserted and requires an external pull-
down resistor.
•
10: the IRQ pin is Logic 0 when deasserted and Logic 1
when asserted.
•
11: the IRQ pin is Logic 1 when deasserted and Logic 0
when asserted. (This is the default operating mode.)
The AD9558 asserts the IRQ pin when any bit in the IRQ monitor
register (Address 0x0D02 to Address 0x0D07) is a Logic 1. Each
bit in this register is associated with an internal function that is
capable of producing an interrupt. Furthermore, each bit of the
IRQ monitor register is the result of a logical AND of the associated
internal interrupt signal and the corresponding bit in the IRQ
mask register (Address 0x020A to Address 0x020E). That is, the
bits in the IRQ mask register have a one-to-one correspondence
with the bits in the IRQ monitor register. When an internal
function produces an interrupt signal and the associated IRQ
mask bit is set, the corresponding bit in the IRQ monitor register
is set. The user must be aware that clearing a bit in the IRQ
mask register removes only the mask associated with the
internal interrupt signal. It does not clear the corresponding bit
in the IRQ monitor register.
Note that the IRQ function detects a state change in the function
that is being monitored. However, if IRQs are cleared (or if they
are enabled for the first time), they do not generate for a pre-
existing condition. The state must change after the IRQs are
enabled. For example, if REFA is already invalid before the REFA
invalid IRQ is enabled, the IRQ does not generate.
The IRQ pin is the result of a logical OR of all the IRQ monitor
register bits. Thus, the AD9558 asserts the IRQ pin as long as
any IRQ monitor register bit is a Logic 1. Note that it is possible
to have multiple bits set in the IRQ monitor register. Therefore,
when the AD9558 asserts the IRQ pin, it may indicate an interrupt
from several different internal functions. The IRQ monitor
register provides the user with a means to interrogate the
AD9558 to determine which internal function produced the
interrupt.
Typically, when the IRQ pin is asserted, the user interrogates
the IRQ monitor register to identify the source of the interrupt
request. After servicing an indicated interrupt, the user must
clear the associated IRQ monitor register bit via the IRQ
clearing register (Address 0x0A04 to Address 0x0A09). The bits
in the IRQ clearing register have a one-to-one correspondence with
the bits in the IRQ monitor register. Note that the IRQ clearing
register is autoclearing. The IRQ pin remains asserted until the
user clears all of the bits in the IRQ monitor register that
indicate an interrupt.
It is also possible to collectively clear all of the IRQ monitor register
bits by setting the clear all IRQs bit in the reset function register
(Register 0x0A03, Bit 1). Note that this is an autoclearing bit.
Setting this bit results in deassertion of the IRQ pin. Alternatively,
the user can program any of the multifunction pins to clear all
IRQs. This allows the user to clear all IRQs by means of a
hardware pin rather than by using a serial I/O port operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com