Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9558BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9558BCPZ
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9558BCPZ Datasheet HTML 17Page - Analog Devices AD9558BCPZ Datasheet HTML 18Page - Analog Devices AD9558BCPZ Datasheet HTML 19Page - Analog Devices AD9558BCPZ Datasheet HTML 20Page - Analog Devices AD9558BCPZ Datasheet HTML 21Page - Analog Devices AD9558BCPZ Datasheet HTML 22Page - Analog Devices AD9558BCPZ Datasheet HTML 23Page - Analog Devices AD9558BCPZ Datasheet HTML 24Page - Analog Devices AD9558BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
Data Sheet
AD9558
Rev. C | Page 21 of 105
TYPICAL PERFORMANCE CHARACTERISTICS
fR = input reference clock frequency; fOUT = output clock frequency; fSYS = SYSCLK input frequency; fS = internal system clock frequency;
LF = SYSCLK PLL internal loop filter used. AVDD, AVDD3, and DVDD at nominal supply voltage; fS = 786.432 MHz, unless otherwise noted.
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1k
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 296fs
Figure 3. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 622.08 MHz,
DPLL Loop BW = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1k
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 320fs
Figure 4. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 644.53125 MHz,
DPLL Loop BW = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1k
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 285fs
Figure 5. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 693.482991 MHz,
DPLL Loop BW = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
1k
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 301fs
Figure 6. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 174.703 MHz,
DPLL Loop BW = 1 kHz, fSYS = 49.152 MHz Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com