| Electronic Components Datasheet Search |
|
MON35W42 Datasheet(PDF) 23 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
MON35W42 Datasheet(HTML) 23 Page - SMSC Corporation |
|
23 / 60 page ![]() 23 Temperature sensor 2 and sensor 3 nSMI interrupt Temperature sensor 2 and sensor 3 nSMI interrupt have two modes of operation and are programmed at CR[4Ch] bit 6. (1) Comparator Interrupt Mode Temperatures exceeding TO cause an interrupt. This interrupt is reset by reading the Interrupt Status Register. Once an interrupt event has occurred by exceeding TO, and then reset, if the temperature remains above the THYST, the interrupt occurs again when the next conversion has completed. If an interrupt event has occurred by exceeding TO and is not reset, the interrupt will not occur again. The interrupt continues to occur in this manner until the temperature goes below THYST. (Figure 16-1) (2) Two-Times Interrupt Mode Temperatures exceeding TO cause an interrupt and then when the temperature going below THYST it will also cause an interrupt if the previous interrupt has been reset by reading the interrupt Status Register. Once an interrupt event has occurred by exceeding TO, and then reset, if the temperature remains above the THYST , the interrupt will not re-occur. (Figure 16-2) TOI THYST * * * *Interrupt Reset when Interrupt Status Registers are read TOI THYST nSMI nSMI * * * * * FIGURE 16-1 - COMPARATOR INTERRUPT MODE FIGURE 16-2 - TWO-TIMES INTERRUPT MODE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |