Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT244WM.. Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74LVT244WM..
Description  Low Voltage Octal Buffer/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVT244WM.. Datasheet(HTML) 4 Page - ON Semiconductor

  74LVT244WM.. Datasheet HTML 1Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 2Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 3Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 4Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 5Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 6Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 7Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 8Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT244, 74LVTH244 Rev. 1.5.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. IO Absolute Maximum Rating must be observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +4.6V
VI
DC Input Voltage
–0.5V to +7.0V
VO
DC Output Voltage
Output in 3-STATE
–0.5V to +7.0V
Output in HIGH or LOW State(1)
–0.5V to +7.0V
IIK
DC Input Diode Current, VI < GND
–50mA
IOK
DC Output Diode Current, VO < GND
–50mA
IO
DC Output Current, VO > VCC
Output at HIGH State
64mA
Output at LOW State
128mA
ICC
DC Supply Current per Supply Pin
±64mA
IGND
DC Ground Current per Ground Pin
±128mA
TSTG
Storage Temperature
–65°C to +150°C
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
2.7
3.6
V
VI
Input Voltage
0
5.5
V
IOH
HIGH-Level Output Current
–32
mA
IOL
LOW-Level Output Current
64
mA
TA
Free-Air Operating Temperature
–40
85
°C
∆t / ∆V
Input Edge Rate, VIN = 0.8V–2.0V, VCC = 3.0V
0
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com