Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT244WM.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LVT244WM..
Description  Low Voltage Octal Buffer/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVT244WM.. Datasheet(HTML) 2 Page - ON Semiconductor

  74LVT244WM.. Datasheet HTML 1Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 2Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 3Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 4Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 5Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 6Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 7Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 8Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT244, 74LVTH244 Rev. 1.5.0
January 2008
74LVT244, 74LVTH244
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Features
■ Input and output interface capability to systems at
5V VCC
■ Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs (74LVTH244),
also available without bushold feature (74LVT244)
■ Live insertion/extraction permitted
■ Power Up/Down high impedance provides glitch-free
bus loading
■ Outputs source/sink –32mA/+64mA
■ Functionally compatible with the 74 series 244
■ Latch-up performance exceeds 500mA
■ ESD performance:
– Human-body model > 2000V
– Machine model > 200V
– Charged-device model > 1000V
General Description
The LVT244 and LVTH244 are octal buffers and line
drivers designed to be employed as memory address
drivers, clock drivers and bus oriented transmitters or
receivers which provide improved PC board density.
The LVTH244 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
These octal buffers and line drivers are designed for low-
voltage (3.3V) VCC applications, but with the capability to
provide a TTL interface to a 5V environment. The LVT244
and LVTH244 are fabricated with an advanced BiCMOS
technology to achieve high speed operation similar to 5V
ABT while maintaining low power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74LVT244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVT244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVT244MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LVT244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74LVTH244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVTH244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH244MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LVTH244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com