Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT244WM.. Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LVT244WM..
Description  Low Voltage Octal Buffer/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVT244WM.. Datasheet(HTML) 5 Page - ON Semiconductor

  74LVT244WM.. Datasheet HTML 1Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 2Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 3Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 4Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 5Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 6Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 7Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 8Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT244, 74LVTH244 Rev. 1.5.0
4
DC Electrical Characteristics
Notes:
2. All typical values are at VCC = 3.3V, TA = 25°C.
3. Applies to bushold versions only (74LVTH244).
4. An external driver must source at least the specified current to switch from LOW-to-HIGH.
5. An external driver must sink at least the specified current to switch from HIGH-to-LOW.
6. This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Symbol
Parameter
VCC
(V)
Conditions
T A =–40°C to +85°C
Units
Min.
Typ.(2)
Max.
VIK
Input Clamp Diode Voltage
2.7
II = –18mA
–1.2
V
VIH
Input HIGH Voltage
2.7–3.6
VO ≤ 0.1V or
VO ≥ VCC – 0.1V
2.0
V
VIL
Input LOW Voltage
2.7–3.6
0.8
V
VOH
Output HIGH Voltage
2.7–3.6
IOH = –100µA
VCC–0.2
V
2.7
IOH = –8mA
2.4
3.0
IOH = –32mA
2.0
VOL
Output LOW Voltage
2.7
IOL = 100µA
0.2
V
IOL = 24mA
0.5
3.0
IOL = 16mA
0.4
IOL = 32mA
0.5
IOL = 64mA
0.55
II(HOLD)
(3)
Bushold Input Minimum
Drive
3.0
VI = 0.8V
75
µA
VI = 2.0V
–75
II(OD)
(3)
Bushold Input Over-Drive
Current to Change State
3.0
(4)
500
µA
(5)
–500
II
Input Current
3.6
VI = 5.5V
10
µA
Control Pins
3.6
VI = 0V or VCC
±1
Data Pins
3.6
VI = 0V
–5
VI = VCC
1
IOFF
Power Off Leakage Current
0
0V ≤ VI or VO ≤ 5.5V
±100
µA
IPU/PD
Power up/down 3-STATE
Output Current
0–1.5V
VO = 0.5V to 3.0V,
VI = GND or VCC
±100
µA
IOZL
3-STATE Output Leakage
Current
3.6
VO = 0.5V
–5
µA
IOZH
3-STATE Output Leakage
Current
3.6
VO = 3.0V
5
µA
IOZH+
3-STATE Output Leakage
Current
3.6
VCC < VO ≤ 5.5V
10
µA
ICCH
Power Supply Current
3.6
Outputs HIGH
0.19
mA
ICCL
Power Supply Current
3.6
Outputs LOW
5
mA
ICCZ
Power Supply Current
3.6
Outputs Disabled
0.19
mA
ICCZ+Power Supply Current
3.6
VCC ≤ VO ≤ 5.5V,
Outputs Disabled
0.19
mA
∆ICC
Increase in Power Supply
Current(6)
3.6
One Input at VCC – 0.6V,
Other Inputs at VCC or
GND
0.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com