Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT244WM.. Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74LVT244WM..
Description  Low Voltage Octal Buffer/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVT244WM.. Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74LVT244WM.. Datasheet HTML 2Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 3Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 4Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 5Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 6Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 7Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 8Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 9Page - ON Semiconductor 74LVT244WM.. Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT244, 74LVTH244 Rev. 1.5.0
5
Dynamic Switching Characteristics(7)
Notes:
7. Characterized in SOIC package. Guaranteed parameter, but not tested.
8. Max number of outputs defined as (n). n–1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Notes:
9. All typical values are at VCC = 3.3V, TA = 25°C.
10. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance(11)
Note:
11. Capacitance is measured at frequency f = 1MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
CL = 50pF, RL = 500Ω
Min.
Typ.
Max.
VOLP
Quiet Output Maximum
Dynamic VOL
3.3
(8)
0.8
V
VOLV
Quiet Output Minimum
Dynamic VOL
3.3
(8)
–0.8
V
Symbol
Parameter
TA = –40°C to +85°C
CL = 50pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
Min.
Typ.(9)
Max.
Min.
Max.
tPLH
Propagation Delay, Data to Output
1.1
3.8
1.1
4.0
ns
tPHL
1.3
3.9
1.3
4.2
tPZH
Output Enable Time
1.1
4.5
1.1
5.3
ns
tPZL
1.4
4.4
1.4
5.0
tPHZ
Output Disable Time
1.9
4.9
1.9
5.1
ns
tPLZ
1.8
4.4
1.8
4.4
tOSHL, tOSLH Output to Output Skew
(10)
1.0
1.0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = 0V, VI = 0V or VCC
3pF
COUT
Output Capacitance
VCC = 3.0V, VO = 0V or VCC
6pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com