Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V680-HS52-R-12.5M Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # V680-HS52-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-12.5M Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button V680-HS52-R-12.5M Datasheet HTML 2Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 3Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 4Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 5Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 6Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 7Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 8Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 9Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
V680 Series
6
ID Sensor Units
* When connected to the V680-H01: 0.28 A
Amplifier-integrated Controller (DeviceNet ID Slave/PROFIBUS ID Slave)
Amplifier-integrated Controllers (ID Flag Sensors)
Special Interface Cables (for V680-HAM91 and V680-HAM81)
Note: 1. The connectors are not waterproof.
2. The cable length can be extended to a maximum of 10 m.
3. Normally two Interface Cables are required for 1 Unit. If you do not need to write to ID Tags, or use the address shift or noise check
functions, then one Interface Cable is sufficient.
Handheld Reader Writers
Type
Appearance
Connected ID System
External
power supply
No. of unit
numbers
used
Current consumption (A)
Model
5 V
24 V
External
CJ
Special
I/O Unit
V680
Series
1 Head
−
1 unit
number
0.26
0.13
*
−
CJ1W-V680C11
2 Heads
2 unit
number
0.32
0.26
−
CJ1W-V680C12
Type
Appearance
Connected ID System
External
power supply
No. of unit
numbers
used
Current consumption (A)
Model
5 V
26 V
External
CS
Special
I/O Unit
V680
Series
1 Head
−
1 unit
number
0.26
0.13
*
−
CS1W-V680C11
2 Heads
24 VDC
2 unit
number
0.32
−
0.36
CS1W-V680C12
Appearance
Size
Network Compatibility
Model
65
× 65 × 65 mm
DeviceNet
V680-HAM42-DRT
PROFIBUS
V680-HAM42-PRT
Type
Appearance
Size
Model
NPN
output
90
× 30 ×
65 mm
V680-HAM91
PNP
output
V680-HAM81
Cable length
Model
Appearance
2 m
V680-A60 2M
5 m
V680-A60 5M
10 m
V680-A60 10M
Name
Appearance
Model
Model with standard serial connector
V680-CH1D
Model with USB connector and 0.8-m cable
V680-CHUD 0.8M
Model with USB connector and 1.9-m cable
V680-CHUD 1.9M
Models for Zebra Technologies Handheld Terminal
V680-CH1D-PSI
AC Adapter (for V680-CH1D)
V600-A22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com