Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V680-HS52-R-12.5M Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # V680-HS52-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-12.5M Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button V680-HS52-R-12.5M Datasheet HTML 4Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 5Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 6Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 7Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 8Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 9Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 10Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 11Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
V680 Series
8
Ratings and Performance
RF Tag (1-kbyte Memory)
Note: For details, refer to the User's Manual (Cat. No. Z262).
*1. Refer to the User's Manual (Cat. No. Z262) for data retention time for temperatures of 85°C or higher. If the V680 has been stored at 125°C or higher, write the
data again even if the data does not need to be changed.
*2. 150°C heat resistance: The heat resistance has been checked at 150°C for up to 1,000 hours, and thermal shock has been checked through testing 1,000 thermal
cycles each of 30 minutes at
−10/150°C. (Test samples: 22, defects: 0)
*3. 180°C heat resistance: The heat resistance has been checked at 180°C for up to 200 hours, and thermal shock has been checked through testing 200 thermal
cycles each of 30 minutes at
−10°C/180°C. (Test samples: 22, defects: 0)
*4. Oil resistance has been tested using a specific oil as defined in the OMRON test method.
RF Tag with 1-kbyte Memory with High-temperature Capability
*1 After storing data at high temperatures, rewrite the data even if changes are not required. High temperatures are those exceeding 125°C up to 250°C.
*2 Storing RF Tags under high temperatures or under heat cycles will adversely affect the performance of the internal parts and the service life
of the RF Tags. The RF Tag were placed in the following high temperatures and then evaluated in-house. It was confirmed that no problems
occurred.
1. 2,000 cycles of 30 minutes each between room temperature and 200°C.
2. 500 hours at 250°C.
*3 Oil resistance has been tested using a specific oil as defined in the OMRON test method.
Model
Item
V680-
D1KP52MT
V680-
D1KP54T
V680-
D1KP66T
V680-
D1KP66MT
V680-
D1KP53M
V680-
D1KP66T-SP
Memory capacity
1,000 byte (user area)
Memory type
EEPROM
Data retention time
*1
10 years after writing (85°C max.)
Write endurance
100,000 times per block (at 25°C)
Ambient operating
temperature
(during communication)
−25 to 85°C (with no icing)
25 to 70°C
(with no icing)
Ambient storage
temperature
(during data backup)
−40 to 125°C (with no icing)
Heat resistance: 1,000 thermal cycles each of 30 minutes at
−10°C/150°C, High-
temperature storage: 1,000 hours at 150°C
*2
200 thermal cycles each of 30 minutes at
−10°C/180°C, High-
temperature storage: 200 hours at 180°C
*3
40 to 125°C
(with no icing)
40 to 110°C
(with no icing)
Ambient operating
humidity
35 to 95%
Degree of protection
IP68 (IEC 60529:2001)
Oil resistance
equivalent to
IP67G (JIS C
0920:2003,
Appendix 1)
*4
IP67 (IEC 60529:2001)
Oil resistance
equivalent to
IP67G (JIS C
0920:2003,
Appendix 1)
*4
IP68 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1)
*4 IP67
Vibration resistance
10 to 2,000 Hz, 1.5-mm double amplitude at 150 m/s2 acceleration with 10 sweeps in X, Y, and Z directions for 15 minutes each
Shock resistance
500 m/s2 in X, Y, and Z directions 3 times each (18 times in total)
Appearance
8 dia. × 5 mm
20 dia. × 2.7 mm
34 × 34 × 3.5 mm
10 dia. × 4.5 mm
(DIN698373)
95 × 36.5 × 6.5 mm
(excluding protrusions)
Materials
Case: PPS resin
Filling: Epoxy
resin
Molding: PPS resin
Case: PPS resin
Filling: Epoxy
resin
External resin: PFA
Tag body: PPS
resin
Weight
Approx. 0.5 g
Approx. 2 g
Approx. 6 g
Approx. 7.5 g
Approx. 1 g
Approx. 20 g
Metallic compatibility
Yes
No
No
Yes
Yes
No
Item
Model
V680-D1KP58HTN
Memory capacity
1,000 bytes (user area)
Memory type
EEPROM
Data Retention
10 years after writing (85°C or less), 0.5 year after writing (85°C to 125°C)
Total data retention at high temperatures exceeding 125°C is 10 hours
*1
Write Endurance
100,000 times per block (25°C)
Ambient operating
temperature
−25°C to 85°C (with no icing)
Ambient storage
temperature
−40 to 250°C (with no icing) *2
(Data retention: -40 to 125°C)
1. 2,000 cycles of 30 minutes each between room temperature and 200°C
2. 500 hours at 250°C
Ambient storage
humidity
No restrictions.
Degree of protection
IP67 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1)
*3
Vibration resistance
10 to 2,000 Hz, 1.5-mm double amplitude, acceleration: 150 m/s2, 10 sweeps each in X, Y, and Z directions for 15
minutes each
Shock resistance
500 m/s2, 3 times each in X, Y, and Z directions (total: 18 times)
Materials
PPS resin
Weight
Approx. 70 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com