Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V680-HS52-R-12.5M Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # V680-HS52-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-12.5M Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button V680-HS52-R-12.5M Datasheet HTML 5Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 6Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 7Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 8Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 9Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 10Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 11Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 12Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
V680 Series
RF Tag (2-kbyte Memory)
Note: For details, refer to the User’s Manual (Cat. No. Z248 or Z339).
*1. Refer to the User's Manual (Cat. No. Z248) for data retention time for temperatures of 55°C or higher.
*2. The total Read or Write communication frequency is called the access frequency.
*3. Oil resistance has been tested using a specific oil as defined in the OMRON test method.
RF Tag with 8-kbyte Memory
Note: For details, refer to the User’s Manual (Cat. No. Z339).
*1. The total Read or Write communication frequency is called the access frequency.
*2. Oil resistance has been tested using a specific oil as defined in the OMRON test method.
Item
Model
V680S-D2KF67
V680S-D2KF67M
V680S-D2KF68
V680S-D2KF68M
V680-D2KF52M
Memory capacity
2,000 bytes (user area)
Memory type
FRAM
Data retention time
*1
10 years after writing at 85°C
10 years after writing
(55°C max.)
Write endurance
One trillion writes for each block(85°C or less), Number of accesses
*2: One trillion writes
Access frequency
per block
*2: 10
billion times
Ambient operating
temperature
−20 to 85°C (with no icing)
−25 to 85°C (with no
icing)
Ambient storage
temperature
−40 to 125°C (with no icing)
−40 to 85°C (with no
icing)
Ambient operating
humidity
35 to 85%
35 to 95%
Degree of protection
IP68 (IEC 60529:2001), Oil resistance equivalent to IP67G
(JIS C 0920:2003, Appendix 1)
*3
IPX9K (DIN 40 050)
IP67 (IEC
60529:2001)
Oil resistance
equivalent to IP67G
(JIS C 0920:2003,
Appendix 1)
*3
Vibration resistance
10 to 2,000 Hz, 1.5-mm double amplitude at
150 m/s2 acceleration with 10 sweeps in X, Y,
and Z directions for 15 minutes each
No abnormality after application of 10 to 500
Hz, 1.5-mm double amplitude, acceleration:
100 m/s2, 10 sweeps each in X, Y, and Z
directions for 11 minutes each
10 to 2,000 Hz, 1.5-mm
double amplitude at 150
m/s2 acceleration with
10 sweeps in X, Y, and
Z directions for 15
minutes each
Shock resistance
500 m/s2 in X, Y, and Z directions 3 times each (Total:18 times)
Appearance
40 × 40 × 5 mm
86 × 54 × 10 mm
8 dia. × 5 mm
Materials
Exterior: PPS resin
Case: PPS resin
Filling: Epoxy resin
Weight
Approx. 12 g
Approx. 11.5 g
Approx. 44 g
Approx. 46 g
Approx. 0.5 g
Metallic compatibility
No
Yes
No
Yes
Yes
Item
Model
V680S-D8KF67
V680S-D8KF67M
V680S-D8KF68
V680S-D32KF68M
Memory capacity
8,192 bytes (user area)
Memory type
FRAM
Data retention time
10 years after writing (85°C or less)
Write endurance
1 trillion times per block.
*1 Access frequency : 1 trillion times:
Ambient operating
temperature
−20 to 85°C (with no icing)
Ambient storage
temperature
−40 to 125°C (with no icing)
Ambient operating
humidity
35 to 85%
Degree of
protection
IP68 (IEC 60529:2001), Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1)
*2
IPX9K (DIN 40 050)
Vibration
resistance
10 to 2,000 Hz, 1.5-mm double amplitude at 150 m/s2 acceleration
with 10 sweeps in X, Y, and Z directions for 15 minutes each
10 to 500 Hz, 1.5-mm double amplitude at 100 m/s2 acceleration
with 10 sweeps in X, Y, and Z directions for 11 minutes each
Shock resistance
500 m/s2 in X, Y, and Z directions 3 times each (18 times in total)
Dimensions
40 × 40 × 4.5 mm
86 × 54 × 10 mm
Materials
Molding: PPS resin
Weight
Approx. 11.5 g
Approx. 12 g
Approx. 44 g
Approx. 46 g
Metallic compatibility No
Yes
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com