Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V680-HS52-R-12.5M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # V680-HS52-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-12.5M Datasheet(HTML) 4 Page - Omron Electronics LLC

  V680-HS52-R-12.5M Datasheet HTML 1Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 2Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 3Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 4Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 5Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 6Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 7Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 8Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
V680 Series
4
Ordering Information
RF Tag
* Place orders in units of boxes (containing 20 units).
Type
Memory capacity
Appearance
Size
Metallic compatibility
Model
Battery-less
1 kbyte
8 dia. × 5 mm
For embedding in metallic or
non-metallic surface
V680-D1KP52MT
10
dia. × 4.5 mm
For embedding in metallic or
non-metallic surface
V680-D1KP53M
20
dia. × 2.7 mm
For flush mounting on non-
metallic surface
V680-D1KP54T
34
× 34 × 3.5 mm
For flush mounting on metallic
surface
V680-D1KP66MT
For flush mounting on non-
metallic surface
V680-D1KP66T
95
× 36.5 × 6.5 mm
For flush mounting on non-
metallic surface
V680-D1KP66T-SP
80
dia. × t10 mm
For flush mounting on non-
metallic surface
V680-D1KP58HTN
M10
× 12 mm
For mounting as bolts
V680-D1KP52M-BT01
*
M8
× 12 mm
V680-D1KP52M-BT11
*
2 kbytes
8
dia. × 5 mm
For embedding in metallic or
non-metallic surface
V680-D2KF52M
40
× 40 × 5 mm
For flush mounting on metallic
surface
V680S-D2KF67M
For flush mounting on non-
metallic surface
V680S-D2KF67
86
× 54 × 10 mm
For flush mounting on metallic
surface
V680S-D2KF68M
For flush mounting on
nonmetallic surface
V680S-D2KF68
M10
× 12 mm
For mounting as bolts
V680-D2KF52M-BT01
*
M8
× 12 mm
V680-D2KF52M-BT11
*
8 kbytes
40
× 40 × 5 mm
For flush mounting on metallic
surface
V680S-D8KF67M
For flush mounting on non-
metallic surface
V680S-D8KF67
86
× 54 × 10 mm
For flush mounting on metallic
surface
V680S-D8KF68M
For flush mounting on
nonmetallic surface
V680S-D8KF68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com