Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC128G Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE25QC128G
Description  128M BIT SPI NOR FLASH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC128G Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25QC128G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ACE25QC128G
128M BIT SPI NOR FLASH
VER 1.1
21
Write Enable for Volatile Status Register (50H)
See Figure 6, the non-volatile Status Register bits can also be written to as volatile bits.. This gives more
flexibility to change the system configuration and memory protection schemes quickly without waiting for
the typical non-volatile bit write cycles or affecting the endurance of the Status Register non-volatile bits.
Write Enable for Volatile Status Register instruction will not set the Write Enable Latch bit, it is only valid for
the Write Status Registers instruction to change the volatile Status Register bit values.
Read Instructions
Read Data (03H)
See Figure 7, the Read Data Bytes (READ) instruction is followed by a 3-byte address (A23-A0), each bit
being latched-in during the rising edge of SCLK. Then the memory content, at that address, is shifted out
on SO, each bit being shifted out, at a Max frequency fR, during the falling edge of SCLK. The address is
automatically incremented to the next higher address after each byte of data is shifted out allowing for a
continuous stream of data. This means that the entire memory can be accessed with a single command as
long as the clock continues. The command is completed by driving /CS high. The whole memory can be
read with a single Read Data Bytes (READ) instruction. Any Read Data Bytes (READ) instruction, while an
Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in
progress.
Figure 5. Write Status Register Sequence Diagram
Figure 7. Read Data Bytes Sequence Diagram
Figure 6. Write Enable for Volatile Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com