Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC128G Datasheet(PDF) 35 Page - ACE Technology Co., LTD.

Part # ACE25QC128G
Description  128M BIT SPI NOR FLASH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC128G Datasheet(HTML) 35 Page - ACE Technology Co., LTD.

Back Button ACE25QC128G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 39Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
ACE25QC128G
128M BIT SPI NOR FLASH
VER 1.1
35
Erase Security Registers (44H)
The ACE25QC128G provides three 256-byte Security Registers which can be erased and programmed
individually. These registers may be used by the system manufacturers to store security and other
important information separately from the main memory array.
See Figure 27, the Erase Security Registers instruction is similar to Sector/Block Erase instruction. A Write
Enable instruction must previously have been executed to set the Write Enable Latch bit.
The Erase Security Registers instruction sequence: /CS goes low sending Erase Security Registers
instruction /CS goes high. /CS must be driven high after the eighth bit of the instruction code has been
latched in otherwise the Erase Security Registers instruction is not executed. As soon as /CS is driven high,
the self-timed Erase Security Registers cycle (whose duration is tSE) is initiated. While the Erase Security
Registers cycle is in progress, the Status Register may be read to check the value of the Write In Progress
(WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Erase Security Registers cycle, and is 0
when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch bit is
reset. The Security Registers Lock Bit (LB) in the Status Register can be used to OTP protect the security
registers. Once the LB bit is set to 1, the Security Registers will be permanently locked; the Erase Security
Registers instruction will be ignored.
Address
A23-A16
A15-A12
A11-A8
A7-A0
Security Registers 1
00H
0001
0000
Byte Address
Security Registers 2
00H
0010
0000
Byte Address
Security Registers 3
00H
0011
0000
Byte Address
Figure 27. Erase Security Registers instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com