Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC128G Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE25QC128G
Description  128M BIT SPI NOR FLASH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC128G Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25QC128G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ACE25QC128G
128M BIT SPI NOR FLASH
VER 1.1
7
SPI Operation
Standard SPI Instructions
The ACE25QC128G features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip
Select (/CS), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported.
Input data is latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI Instructions
The ACE25QC128G supports Dual SPI operation when using the “Dual Output Fast Read” (3BH), “Dual
I/O Fast Read” (BBH) and “Read Manufacture ID/Device ID Dual I/O” (92H) instructions. These instructions
allow data to be transferred to or from the device at two times the rate of the standard SPI. When using the
Dual SPI instruction the SI and SO pins become bidirectional I/O pins: IO0 and IO1.
Quad SPI Instructions
The ACE25QC128G supports Quad SPI operation when using the “Quad Output Fast Read”(6BH), “Quad
I/O Fast Read” (EBH) ,”Quad I/O word Fast Read”(E7H),”Read Manufacture ID/Device ID Quad I/O”(94H)
and “Quad Page Program”(32H) instructions. These instructions allow data to be transferred to or from the
device at four times the rate of the standard SPI. When using the Quad SPI instruction the SI and SO pins
become bidirectional I/O pins: IO0 and IO1, and /WP and
/HOLD pins become IO2 and IO3. Quad SPI instructions require the non-volatile Quad Enable bit (QE) in
Status Register to be set.
Operation Features
Supply Voltage
(A)
Operating Supply Voltage
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the
specified [VCC(min), VCC(max)] range must be applied. In order to secure a stable DC supply voltage,
it is recommended to decouple the VCC line with a suitable capacitor (usually of the order of 10nF to
100nF) close to the VCC/VSS package pins. This voltage must remain stable and valid until the end of
the transmission of the instruction and, for a Write instruction, until the completion of the internal write
cycle (tW).
(B)
Power-up Conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this time, the
Chip Select (/CS) line is not allowed to float but should follow the VCC voltage, it is therefore
recommended to connect the /CS line to VCC via a suitable pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com