Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC128G Datasheet(PDF) 31 Page - ACE Technology Co., LTD.

Part # ACE25QC128G
Description  128M BIT SPI NOR FLASH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC128G Datasheet(HTML) 31 Page - ACE Technology Co., LTD.

Back Button ACE25QC128G Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 35Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
ACE25QC128G
128M BIT SPI NOR FLASH
VER 1.1
31
Read JEDEC ID (9FH)
The JEDEC ID instruction allows the 8-bit manufacturer identification to be read, followed by two bytes of
device identification. The device identification indicates the memory type in the first byte, and the memory
capacity of the device in the second byte. JEDEC ID instruction while an Erase or Program cycle is in
progress, is not decoded, and has no effect on the cycle that is in progress. The JEDEC ID instruction
should not be issued while the device is in Deep Power-Down Mode.
See Figure 21, The device is first selected by driving /CS to low. Then, the 8-bit instruction code for the
instruction is shifted in. This is followed by the 24-bit device identification, stored in the memory, being
shifted out on Serial Data Output, each bit being shifted out during the falling edge of Serial Clock. The
JEDEC ID instruction is terminated by driving /CS to high at any time during data output. When /CS is
driven high, the device is put in the Standby Mode. Once in the Standby Mode, the device waits to be
selected, so that it can receive, decode and execute instructions.
Read Unique ID Number (4Bh)
The Read Unique ID Number instruction accesses a factory-set read-only 64-bit number that is unique to
each ACE25QC128G device. The ID number can be used in conjunction with user software methods to
help prevent copying or cloning of a system. The Read Unique ID instruction is initiated by driving the /CS
pin low and shifting the instruction code “4Bh” followed by a four bytes of dummy clocks. After which, the
64-bit ID is shifted out on the falling edge of SCLK as shown in Figure 22.
Figure 21. JEDEC ID Sequence Diagram
Figure 22. JEDEC ID Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com