Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2109 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2109
Description  Plug and Play SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2109 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2109 Datasheet HTML 2Page - Dallas Semiconductor DS2109 Datasheet HTML 3Page - Dallas Semiconductor DS2109 Datasheet HTML 4Page - Dallas Semiconductor DS2109 Datasheet HTML 5Page - Dallas Semiconductor DS2109 Datasheet HTML 6Page - Dallas Semiconductor DS2109 Datasheet HTML 7Page - Dallas Semiconductor DS2109 Datasheet HTML 8Page - Dallas Semiconductor DS2109 Datasheet HTML 9Page - Dallas Semiconductor DS2109 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS2109
022698 6/10
BUS CURRENT SENSING
The DS2109 has the capability to use current sensing to
determine if the SCSI bus is over– or under–terminated.
A series 1 ohm resistor between pads R14 and TCS is
inserted into the SCSI bus (preferably the –RST line)
and used to monitor the current when that line pulls low
(active, or “asserted” state). Based on the current mea-
sured, the DS2109 will disconnect or connect from the
SCSI bus. The configuration for this automatic isolation
technique is shown in Figure 6.
Figure 5 shows a simplified diagram of the sensing cir-
cuit. The voltage across the 1 ohm sense resistor is dif-
ferentially amplified and converted into a single–ended
voltage with respect to ground. This is fed into a bank of
comparators and measured against a reference volt-
age. The circuit takes a measurement each time TCS is
driven below a 0.8 volts threshold and the outputs are
latched on the rising edge of TCS. If IBUS is greater than
32 mA, the DS2109 will be isolated from the SCSI bus. It
is recommended that the signal on TCS be asserted for
at least 25 msec to allow the signal (and comparator out-
puts) to settle into a known state. A timing diagram of the
sensing and latching operation is shown in Figure 7.
It is preferred that the –RST line be used for monitoring
the bus termination status because –RST is only
asserted during power up or during a major change in
bus configuration. Note that R14 will have a higher input
capacitance than the other lines because of the addi-
tional circuitry required for bus sensing.
The DS2109 will be isolated from the SCSI bus as
shown in Table 2.
BUS CURRENT SENSING CIRCUITRY Figure 5
REF
DECODE
AND
LATCH
TCS
R14
1 OHM
110 OHM
+
–
IBUS
TO SCSI CONTROLLER
FROM SCSI BUS (–RST)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com