Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2109 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2109
Description  Plug and Play SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2109 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2109 Datasheet HTML 2Page - Dallas Semiconductor DS2109 Datasheet HTML 3Page - Dallas Semiconductor DS2109 Datasheet HTML 4Page - Dallas Semiconductor DS2109 Datasheet HTML 5Page - Dallas Semiconductor DS2109 Datasheet HTML 6Page - Dallas Semiconductor DS2109 Datasheet HTML 7Page - Dallas Semiconductor DS2109 Datasheet HTML 8Page - Dallas Semiconductor DS2109 Datasheet HTML 9Page - Dallas Semiconductor DS2109 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
The chamfer on the body is optional. If it is not present, a termi-
nal 1 identifier must be positioned so that 1/2 or more of its area
is contained in the hatched zone.
DS2109
022698 10/10
NOTES:
1. PDI, PDE, TCS
2. 4.00V < TERMPWR < 5.25V.
3. 0.0V < signal lines < 3.0V.
4. All signal lines = 0.0V.
5. All signal lines open.
6. Power down enabled.
7. Guaranteed by design; not production tested.
8. C14 slightly higher capacitance due to sensing circuitry.
9. Excluding PDI, PDE pins.
10. PDO output pin.
11. IBCST > 32 mA – disable termination.
12. Excluding PDE, PDI, R14, and TCS pins.
28–PIN SOIC (300 MIL)
PKG
28–PIN
DIM
MIN
MAX
A IN.
MM
0.094
2.39
0.105
2.67
A1 IN.
MM
0.004
0.102
0.012
0.30
A2 IN.
MM
0.089
2.26
0.095
2.41
b IN.
MM
0.013
0.33
0.020
0.51
C IN
MM
0.009
0.229
0.013
0.33
D IN.
MM
0.698
17.73
0.712
18.08
e IN.
MM
0.050 BSC
1.27 BSC
E1 IN.
MM
0.290
7.37
0.300
7.62
H IN
MM
0.398
10.11
0.416
10.57
L IN
MM
0.016
0.40
0.040
1.02
Θ
0
°
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com