Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2109 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2109
Description  Plug and Play SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2109 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2109 Datasheet HTML 2Page - Dallas Semiconductor DS2109 Datasheet HTML 3Page - Dallas Semiconductor DS2109 Datasheet HTML 4Page - Dallas Semiconductor DS2109 Datasheet HTML 5Page - Dallas Semiconductor DS2109 Datasheet HTML 6Page - Dallas Semiconductor DS2109 Datasheet HTML 7Page - Dallas Semiconductor DS2109 Datasheet HTML 8Page - Dallas Semiconductor DS2109 Datasheet HTML 9Page - Dallas Semiconductor DS2109 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DS2109
022698 8/10
DISCONNECT MODES Table 2
PDI
PDE
IBUS > 32 mA?
DS2109 ISOLATED
FROM SCSI BUS?
0
0
No
Isolated
0
1
No
Connected
1
0
No
Connected
1
1
No
Connected
0
0
Yes
Isolated
0
1
Yes
Isolated
1
0
Yes
Isolated
1
1
Yes
Isolated
NOTE: “1” denotes pin left open circuited.
WIDE SCSI CONFIGURATION Figure 8
PD
VREF2
NC
R9
R8
R7
R6
TERMPWR2
4.7
µF
GND
R18
R17
R16
R15
R14
TCS
HS–GND
PDE
R13
R12
R11
R10
VREF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PDI
R1
R2
R3
R4
R5
HS–GND
HS–GND
PDO
R6
R7
R8
R9
TPWR
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TERMPWR1
R1
R2
R3
R4
R5
VREF1
GND
DS21S07A 16–PIN SOIC (300 MIL)
2.2
µF
TERMINATION POWER LINE
DS2109S 28–PIN SOIC (300 MIL)
4.7
µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com