Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2109 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2109
Description  Plug and Play SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2109 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2109 Datasheet HTML 1Page - Dallas Semiconductor DS2109 Datasheet HTML 2Page - Dallas Semiconductor DS2109 Datasheet HTML 3Page - Dallas Semiconductor DS2109 Datasheet HTML 4Page - Dallas Semiconductor DS2109 Datasheet HTML 5Page - Dallas Semiconductor DS2109 Datasheet HTML 6Page - Dallas Semiconductor DS2109 Datasheet HTML 7Page - Dallas Semiconductor DS2109 Datasheet HTML 8Page - Dallas Semiconductor DS2109 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS2109
Plug and Play SCSI Terminator
DS2109
022698 1/10
FEATURES
• Fully compliant with SCSI–1, Fast SCSI and Ultra
SCSI
• Compatible with Plug and Play SCSI Profile
• Functionally compatible with DS21S07A
• Provides active termination for 18 signal lines
• 2% tolerance on termination resistors and voltage
regulator
• Bus termination sensing
• Low power down capacitance of 3 pF
• Onboard thermal shutdown circuitry
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
R18
R17
R16
R15
R14
TCS
HS–GND
PDE
R13
R12
R11
R10
VREF
PDI
R1
R2
R3
R4
R5
HS–GND
HS–GND
PDO
R6
R7
R8
R9
TPWR
DS2109, DS2109S 28–PIN SOIC (300 MIL)
DESCRIPTION
The DS2109 is intended for one chip Plug and Play
(PnP) SCSI termination. Plug and Play SCSI requires
the exit–point terminator on computer motherboards or
host bus adapters to automatically switch off if an exter-
nal device is connected to the system. The DS2109 sat-
isfies this requirement by offering the engineer a choice
of onboard current sensing circuitry or onboard ground
detect circuitry. If an external device is connected, the
DS2109 will automatically be isolated from the SCSI
bus thereby maintaining proper system termination.
The DS2109 integrates a low drop–out regulator, 18
precise switched 110 ohm termination resistors, and
bus termination sensors into a 28–pin 300 mil SOIC
package. Active termination provides: greater immu-
nity to voltage drops on the TERMPWR (TERMination
PoWeR) line, enhanced high–level noise immunity,
intrinsic TERMPWR decoupling, and very low quies-
cent current consumption. The DS2109 contains an
output port that can control the power down pin of addi-
tional terminators (DS21S07A) for Wide SCSI applica-
tions.


Similar Part No. - DS2109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2109 MAXIM-DS2109 Datasheet
90Kb / 10P
Plug and Play SCSI Terminator
022698
More results

Similar Description - DS2109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5607 TI-UC5607 Datasheet
245Kb / 4P
Plug and Play, 18-Line SCSI Active Terminator
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
Plug and Play SCSI Terminator
logo
Microsemi Corporation
LX5121 MICROSEMI-LX5121 Datasheet
145Kb / 4P
ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5122 MICROSEMI-LX5122 Datasheet
89Kb / 4P
ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5205 MICROSEMI-LX5205 Datasheet
142Kb / 4P
18-LINE PLUG AND PLAY, 關POWER SCSI TERMINATOR
LX5218 MICROSEMI-LX5218 Datasheet
247Kb / 12P
9-CHANNEL PLUG AND PLAY SCS I TERMINATOR
LX5225 MICROSEMI-LX5225 Datasheet
148Kb / 4P
ULTRA 18-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5240 MICROSEMI-LX5240 Datasheet
165Kb / 5P
MULTIMODE, PLUG AND PLAY SCSI TERMINATOR
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
Plug and Play SCSI Terminator
112099
DS2109 MAXIM-DS2109 Datasheet
90Kb / 10P
Plug and Play SCSI Terminator
022698
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com