Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0 Datasheet(PDF) 147 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 147 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 141Page - SPANSION S71PL129JC0 Datasheet HTML 142Page - SPANSION S71PL129JC0 Datasheet HTML 143Page - SPANSION S71PL129JC0 Datasheet HTML 144Page - SPANSION S71PL129JC0 Datasheet HTML 145Page - SPANSION S71PL129JC0 Datasheet HTML 146Page - SPANSION S71PL129JC0 Datasheet HTML 147Page - SPANSION S71PL129JC0 Datasheet HTML 148Page - SPANSION S71PL129JC0 Datasheet HTML 149Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 147 / 149 page
background image
November 2, 2004 pSRAM_Type07_13_A1
pSRAM Type 7
147
Adva nc e
inf o r m at ion
Note: Both tCHOX and tCHWX define the earliest entry timing for Standby mode. If either of timing is not satisfied, it takes
tRC (min) period for Standby mode from CE1# Low to High transition.
Figure 72. Standby Entry Timing after Read or Write
Notes:
1. The all address inputs must be High from Cycle #1 to #5.
2. The address key must confirm the format specified in page 132. If not, the operation and data are not guaranteed.
3. After tCP following Cycle #6, the Power Down Program is completed and returned to the normal operation.
Figure 73. Power Down Program Timing (for 32M/64M Only)
tCHOX
CE1#
OE#
WE#
Active (Read)
Standby
Active (Write)
Standby
tCHWX
ADDRESS
CE1#
DQ*3
WE#
tRC
OE#
LB#, UB#
RDa
MSB*1
MSB*1
MSB*1
MSB*1
MSB*1
Key*2
tWC
tWC
tWC
tWC
tRC
tCP
tCP
tCP
tCP
tCP
tCP*3
Cycle #1
Cycle #2
Cycle #3
Cycle #4
Cycle #5
Cycle #6
RDa
RDa
X
X
RDb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com