Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950104 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS950104
Description  Programmable System Clock Chip for PIII Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950104 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS950104 Datasheet HTML 1Page - Integrated Circuit Systems ICS950104 Datasheet HTML 2Page - Integrated Circuit Systems ICS950104 Datasheet HTML 3Page - Integrated Circuit Systems ICS950104 Datasheet HTML 4Page - Integrated Circuit Systems ICS950104 Datasheet HTML 5Page - Integrated Circuit Systems ICS950104 Datasheet HTML 6Page - Integrated Circuit Systems ICS950104 Datasheet HTML 7Page - Integrated Circuit Systems ICS950104 Datasheet HTML 8Page - Integrated Circuit Systems ICS950104 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
ICS950104
Advance Information
Third party brands and names are the property of their respective owners.
General Description
The ICS950104 is a main clock synthesizer chip for PIII based systems with ALI 1651 style chipset. This provides all clocks
required for such a system.
The ICS950104 belongs to ICS new generation of programmable system clock generators. It employs serial programming I
2C
interface as a vehicle for changing output functions, changing output frequency, configuring output strength, configuring
output to output skew, changing spread spectrum amount, changing group divider ratio and dis/enabling individual clocks.
This device also has ICS propriety 'Watchdog Timer' technology which will reset the frequency to a safe setting if the system
become unstable from over clocking.
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com