Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950104 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950104
Description  Programmable System Clock Chip for PIII Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950104 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950104 Datasheet HTML 1Page - Integrated Circuit Systems ICS950104 Datasheet HTML 2Page - Integrated Circuit Systems ICS950104 Datasheet HTML 3Page - Integrated Circuit Systems ICS950104 Datasheet HTML 4Page - Integrated Circuit Systems ICS950104 Datasheet HTML 5Page - Integrated Circuit Systems ICS950104 Datasheet HTML 6Page - Integrated Circuit Systems ICS950104 Datasheet HTML 7Page - Integrated Circuit Systems ICS950104 Datasheet HTML 8Page - Integrated Circuit Systems ICS950104 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS950104
Third party brands and names are the property of their respective owners.
Block Diagram
950104 Rev - 09/11/01
Functionality
Pin Configuration
48-Pin 300mil SSOP
Recommended Application:
SIS630ST style chipset
Output Features:
•
1 - CPU clocks @ 2.5V
•
1 - Pair of differential CPU clocks @ 3.3V
•
9 - SDRAM @ 3.3V
•
7 - PCI @3.3V
•
1 - 48MHz, @3.3V
•
1 - 24/48MHz @ 3.3V
•
3 - REF @3.3V, (selectable strength) through I
2C
Features:
•
Programmable ouput frequency
•
Programmable ouput rise/fall time
•
Programmable CPU, SDRAM, and PCI skew
•
Real time system reset output
•
Spread spectrum for EMI control typically
by 7dB to 8dB, with programmable spread percentage
•
Watchdog timer technology to reset system
if over-clocking causes malfunction
•
Uses external 14.318MHz crystal
Skew Specifications:
•
CPU - CPU: <250ps
•
PCI - PCI: <500ps
•
SDRAM - SDRAM: <250ps
•
CPU - SDRAM:<350ps
•
CPU - PCI: <3ns
Programmable System Clock Chip for PIII™ Processor
Notes:
REF0 can be 1X or 2X strength controlled by I
2C.
* Internal Pull-up Resistor of 120K to VDD
** Internal Pull-down of 120K to GND
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
PCICLK (5:0)
PCICLK_F
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
Stop
SDATA
SCLK
FS(3:0)
PD#
PCI_STOP#
CPU_STOP#
MODE
MULTSEL
Control
Logic
Config.
Reg.
/ 2
REF(2:0)
CPUCLK
SDRAM (9:0)
SDRAM
DIVDER
Stop
10
6
3
CPUCLKT0
CPUCLKC0
Stop
Advance Information
ADVANCE INFORMATION documents contain information on products
in the formative or design phase development. Characteristic data and
other specifications are design goals. ICS reserves the right to change or
discontinue these products without notice.
CPUCLKC0
CPUCLKT0
VDDCPU
GND
AVDD
X1
X2
**FS0/REF0
VDDREF
**FS1/REF1
REF2
GND
*FS2/PCICLK_F
PCICLK0
PCICLK1
PCICLK2
GND
VDDPCI
PCICLK3
PCICLK4
PCICLK5
AVDD48
**MULTSEL/24_48MHz
**FS3/48MHz
GND
IREF
GND
CPUCLK
VDDL
SDATA
SDRAM_STOP#
SDRAM0
SDRAM1
SDRAM2
SDRAM3
VDD
GND
SDRAM4
SDRAM5
SDRAM6
SDRAM7
GND
VDD
PCI_STOP#
CPU_STOP#
PD#/Vtt_PWRGD
SCLK
GND
*
*
*
#*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
M
A
R
D
S
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
00
0
0
6
.
6
60
.
0
0
13
.
3
3
00
0
1
0
.
0
0
10
.
0
0
13
.
3
3
00
1
0
0
.
0
5
10
.
0
0
15
.
7
3
00
1
1
3
.
3
3
10
.
0
0
13
.
3
3
01
0
0
8
.
6
66
.
3
3
14
.
3
3
01
0
1
0
.
0
0
13
.
3
3
13
.
3
3
0110
0
.
0
0
10
.
0
5
15
.
7
3
011
1
3
.
3
3
13
.
3
3
13
.
3
3
10
0
0
8
.
6
68
.
6
64
.
3
3
10
0
1
0
.
7
90
.
7
93
.
2
3
10
1
0
0
.
0
70
.
5
0
10
.
5
3
10
1
1
0
.
5
90
.
5
97
.
1
3
110
0
0
.
5
97
.
6
2
17
.
1
3
110
1
0
.
2
1
10
.
2
1
13
.
7
3
11
1
0
0
.
7
93
.
9
2
12
.
2
3
11
1
1
2
.
6
92
.
6
91
.
2
3


Similar Part No. - ICS950104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
logo
Integrated Circuit Syst...
ICS950201FLF-T ICST-ICS950201FLF-T Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950201GLF-T ICST-ICS950201GLF-T Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
More results

Similar Description - ICS950104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94241 ICST-ICS94241 Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
PIII??System Clock Chip for DDR SDRAM
logo
Renesas Technology Corp
ICS94258 RENESAS-ICS94258 Datasheet
353Kb / 20P
Programmable System Clock Chip for PIII Processor
12/19/01
ICS94241 RENESAS-ICS94241 Datasheet
325Kb / 17P
Programmable TCH™ for Differential PIII™ Processor
2019
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
PIII™ System Clock Chip for DDR SDRAM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com