Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950104 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS950104
Description  Programmable System Clock Chip for PIII Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950104 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS950104 Datasheet HTML 2Page - Integrated Circuit Systems ICS950104 Datasheet HTML 3Page - Integrated Circuit Systems ICS950104 Datasheet HTML 4Page - Integrated Circuit Systems ICS950104 Datasheet HTML 5Page - Integrated Circuit Systems ICS950104 Datasheet HTML 6Page - Integrated Circuit Systems ICS950104 Datasheet HTML 7Page - Integrated Circuit Systems ICS950104 Datasheet HTML 8Page - Integrated Circuit Systems ICS950104 Datasheet HTML 9Page - Integrated Circuit Systems ICS950104 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
ICS950104
Advance Information
Third party brands and names are the property of their respective owners.
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
Note: PWD = Power-Up Default
Note1:
Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3.
The I
2C readback for Bits 7, 2, 6:4 indicate the revision code.
I
2C is a trademark of Philips Corporation
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
7
t
i
B2
t
i
B6
t
i
B5
t
i
B4
t
i
BU
P
CM
A
R
D
SI
C
PS
S
0
1
0
0
0
1
e
t
o
N
,
2
,
7
t
i
B
4
:
6
t
i
B
0
000
0
6
.
6
60
.
0
0
13
.
3
3%
5
.
0
-
o
t
0
0
000
1
0
.
0
0
10
.
0
0
13
.
3
3%
5
.
0
-
o
t
0
00
0
1
0
0
.
0
5
10
.
0
0
15
.
7
3%
5
2
.
0
±
00
0
1
1
3
.
3
3
10
.
0
0
13
.
3
3%
5
.
0
-
o
t
0
00
1
0
0
8
.
6
66
.
3
3
14
.
3
3%
5
.
0
-
o
t
0
00
1
0
1
0
.
0
0
13
.
3
3
13
.
3
3%
5
.
0
-
o
t
0
00
1
1
0
0
.
0
0
10
.
0
5
15
.
7
3%
5
2
.
0
±
00
1
1
1
3
.
3
3
13
.
3
3
13
.
3
3%
5
.
0
-
o
t
0
01
0
0
0
8
.
6
68
.
6
64
.
3
3%
5
2
.
0
±
01
0
0
1
0
.
7
90
.
7
93
.
2
3%
5
.
0
-
o
t
0
01
0
1
0
0
.
0
70
.
5
0
10
.
5
3%
5
2
.
0
±
01
0
1
1
0
.
5
90
.
5
97
.
1
3%
5
2
.
0
±
01
1
0
0
0
.
5
97
.
6
2
17
.
1
3%
5
2
.
0
±
01
1
0
1
0
.
2
1
10
.
2
1
13
.
7
3%
5
2
.
0
±
0
111
0
0
.
7
93
.
9
2
13
.
2
3%
5
.
0
-
o
t
0
0
111
1
2
.
6
92
.
6
91
.
2
3%
5
.
0
-
o
t
0
1
000
0
8
.
6
62
.
0
0
14
.
3
3%
5
2
.
0
±
1
000
1
2
.
0
0
12
.
0
0
14
.
3
3%
5
2
.
0
±
10
01
0
0
.
6
6
17
.
0
1
17
.
7
2%
5
2
.
0
±
10
01
1
2
.
0
0
16
.
3
3
14
.
3
3%
5
2
.
0
±
101
0
0
0
.
5
70
.
0
0
15
.
7
3%
5
2
.
0
±
101
0
1
3
.
3
80
.
5
2
13
.
1
3%
5
2
.
0
±
101
1
0
0
.
5
0
10
.
0
4
10
.
5
3%
5
2
.
0
±
101
1
1
6
.
3
3
16
.
3
3
14
.
3
3%
5
2
.
0
±
11
0
0
0
3
.
0
1
10
.
7
4
18
.
6
3%
5
2
.
0
±
11
0
0
1
0
.
5
1
13
.
3
5
13
.
8
3%
5
2
.
0
±
11
0
1
0
0
.
0
2
10
.
0
2
10
.
0
3%
5
2
.
0
±
11
0
1
1
0
.
8
3
10
.
8
3
15
.
4
3%
5
2
.
0
±
11
1
0
0
0
.
0
4
10
.
0
4
10
.
5
3%
5
2
.
0
±
11
1
0
1
0
.
5
4
10
.
5
4
13
.
6
3%
5
2
.
0
±
1
111
0
5
.
7
4
15
.
7
4
19
.
6
3%
5
2
.
0
±
1
111
1
0
.
0
6
10
.
0
6
17
.
6
2%
5
2
.
0
±
3
t
i
B
s
t
u
p
n
I
d
e
h
c
t
a
L
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
4
:
6
,
2
,
7
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
1
t
i
B
l
a
m
r
o
N
-
0
d
e
l
b
a
n
E
m
u
r
t
c
e
p
S
d
a
e
r
p
S
-
1
1
0
t
i
B
g
n
i
n
n
u
R
-
0
s
t
u
p
t
u
o
l
l
a
e
t
a
t
s
i
r
T
-
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com