Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-VID01C2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF06-VID01C2
Description  6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-VID01C2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF06-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EMIF06-VID01C1
2/6
Table 2: Absolute Ratings (limiting values)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter and test conditions
Value
Unit
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
- 40 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
R
Series resistance between Input &
Output
Cline
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1mA
68
10
V
IRM
VRM = 3V per line
500
nA
R
I = 10mA
80
100
120
Ω
Cline
VR = 3V DC 1MHz VOSC = 30mV
16
19
pF
I
V
VBR
VRM
IRM
IR
IRM
IR
VRM
VBR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com