Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-VID01C2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-VID01C2
Description  6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-VID01C2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EMIF06-VID01C1
3/6
Figure 3: S21 (dB) attenuation measurement
Figure 4: Analog crosstalk measurement
Figure 5: ESD response to IEC61000-4-2
(+15kV air discharge) on one input V(in) and on
one output (Vout)
Figure 6: ESD response to IEC61000-4-2 (-15kV
air discharge) on one input V(in) and on one
output (Vout)
Figure 7: Junction capacitance versus reverse
voltage applied (typical values)
100k
1M
10M
100M
1G
-60
-50
-40
-30
-20
-10
0
dB
f/Hz
100k
1M
10M
100M
1G
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
dB
f/Hz
Input
10V/d
Output
10V/d
200ns/d
Input
10V/d
Output
10V/d
200ns/d
V
(V)
LINE
C
(pF)
LINE
10
12
14
16
18
20
22
24
26
28
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
12
14
16
18
20
22
24
26
28
0.0
0.5
1.0
1.5
2.0
2.5
3.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com