Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-VID01C2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-VID01C2
Description  6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-VID01C2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMIF06-VID01C1
4/6
Figure 8: Ordering Information Scheme
Figure 9: FLIP-CHIP Package Mechanical Data
Figure 10: Foot Print Recommendations
Figure 11: Marking
EMIF
yy
-
xxx zz
Cx
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
or
3 letters = application
2 digits = version
C = Coated Flip-Chip
x
= 1: 500µm, Bump = 315µm
= 2: Leadfree Pitch = 500µm, Bump = 315µm
2.92mm ± 50µm
315µm ± 50
500µm ± 50
250µm ± 50
690µm ± 65
Copper pad Diameter :
250µm recommended , 300µm max
Solder stencil opening : 330µm
Solder mask opening recommendation :
340µm min for 300µm copper pad diameter
Dot, ST logo
xx = marking
yww = date code
(y = year
ww = week)
z = packaging location
365
240
x
y
z
w
x
w
All dimensions in µm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com