Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-VID01C2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF06-VID01C2
Description  6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-VID01C2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF06-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMIF06-VID01C1
5/6
Figure 12: FLIP-CHIP Tape and Reel Specification
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.73 +/- 0.05
Table 4: Ordering Information
Note: More packing informations are available in the application note
AN1235: “Flip-Chip: Package description and recommendations for use”
AN1751: “EMI Filters: Recommendations and measurements”
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF06-VID01C1
GR
Flip-Chip
5.9 mg
5000
Tape & reel 7”
Table 5: Revision History
Date
Revision
Description of Changes
15-Feb-2005
1
First issue.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com